Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 35Page - Texas Instruments TAS5760LD Datasheet HTML 36Page - Texas Instruments TAS5760LD Datasheet HTML 37Page - Texas Instruments TAS5760LD Datasheet HTML 38Page - Texas Instruments TAS5760LD Datasheet HTML 39Page - Texas Instruments TAS5760LD Datasheet HTML 40Page - Texas Instruments TAS5760LD Datasheet HTML 41Page - Texas Instruments TAS5760LD Datasheet HTML 42Page - Texas Instruments TAS5760LD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
Over Current Error Status[2] (R)
10000000
The output current levels of the speaker amplifier outputs are below the OCE threshold
- - - - - 0 - -
The DC offset level of the outputs has exceeded the OCE threshold, causing an error (This is a latching error and
SPK_SD must be toggled after an OCE event for the device to resume normal operation. This bit will remain "HIGH"
- - - - - 1 - -
until SPK_SD is toggled.)
Output DC Error Status [1] (R)
10000000
The DC offset level of the speaker amplifier outputs are below the DCE threshold
- - - - - - 0 -
The DC offset level of the speaker amplifier outputs has exceeded the DCE threshold, causing an error (This is a
latching error and SPK_SD must be toggled after an DCE event for the device to resume normal operation. This bit will
- - - - - - 1 -
remain "HIGH" until SPK_SD is toggled.)
Over-Temperature Error Status[1] (R)
10000000
A clock error will occur if SCLK is stopped
- - - - - - - 0
The temperature of the die has exceeded the level specified in the electrical characteristics table. (This is a latching
error and SPK_SD must be toggled for the device to resume normal operation. This bit will remain "HIGH" until
- - - - - - - 1
SPK_SD is toggled.)
Reserved Controls (9 / 0x09) - (15 / 0x0F)
The controls in this section of the control port are reserved and must not be used.
Digital Clipper Control 2 (16 / 0x10)
DigClipLev[13:6] [7:0] (R/W)
11111111
The digital clipper is decoded from 3 registers- DigClipLev[19:14], DigClipLev[13:6], and DigClipLev[5:0].
DigClipLev[13:6], shown here, represents the [13:6] bits of the total of 20 bits that are used to set the Digital Clipping
(decoded)
Threshold.
DigClipLev[5:0] [7:2] (R/W)
11111111
The digital clipper is decoded from 3 registers- DigClipLev[19:14], DigClipLev[13:6], and DigClipLev[5:0].
DigClipLev[13:6], shown here, represents the [5:0] bits of the total of 20 bits that are used to set the Digital Clipping
(decoded)
Threshold.
Reserved [1:0] (R/W)
11111100
These controls are reserved and should not be changed from there default values
- - - - - - - -
Copyright © 2013, Texas Instruments Incorporated
39
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com