Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 5 Page - Texas Instruments

  TAS5760LD Datasheet HTML 1Page - Texas Instruments TAS5760LD Datasheet HTML 2Page - Texas Instruments TAS5760LD Datasheet HTML 3Page - Texas Instruments TAS5760LD Datasheet HTML 4Page - Texas Instruments TAS5760LD Datasheet HTML 5Page - Texas Instruments TAS5760LD Datasheet HTML 6Page - Texas Instruments TAS5760LD Datasheet HTML 7Page - Texas Instruments TAS5760LD Datasheet HTML 8Page - Texas Instruments TAS5760LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
Parameter
Min
Max
Unit
Ambient Operating Temperature, TA
–25
85
°C
Temperature
Ambient Storage Temperature, TS
–40
125
°C
AVDD Supply
–0.3
20
V
Supply Voltage
PVDD Supply
–0.3
20
V
DRVDD and DVDD Supply
–0.3
4
V
DVDD Referenced Digital
Digital Inputs referenced to DVDD supply
-0.5
DVDD + 0.5
V
Input Voltages
DRVDD Referenced Digital
Digital Inputs referenced to DRVDD supply
-0.5
DRVDD + 0.5
V
Input Voltages
Headphone Load
RHP
12.8
-
Ω
Line Driver Load
RLD
600
-
Ω
Speaker Amplifier Output
VSPK_OUTxx, measured at the output pin
-0.3
22
V
Voltage
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
TAS5760LD
THERMAL METRIC(1)
UNIT
48 Pin DCA(1)
48 Pin DCA(2)
θJA
Junction-to-ambient thermal resistance
60.3
30.2
°C/W
θJC(bottom)
Junction-to-case (bottom) thermal resistance
16.0
14.3
°C/W
θJB
Junction-to-board thermal resistance
12.0
12.7
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.6
°C/W
ψJB
Junction-to-board characterization parameter
11.9
12.7
°C/W
θJC(top)
Junction-to-case (top) thermal resistance
0.8
0.7
°C/W
(1)
JEDEC Standard 2 Layer Board
(2)
JEDEC Standard 4 Layer Board
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
TA
Ambient Operating Temperature
–25
-
85
°C
AVDD
AVDD Supply
4.5
-
16.5
V
PVDD
PVDD Supply
4.5
-
16.5
V
DRVDD,
DRVDD and DVDD Supply
2.8
-
3.63
V
DVDD
Input Logic "HIGH" for DVDD and DRVDD
VIH(DR)
-
DVDD
-
V
Referenced Digital Inputs
Input Logic "LOW" for DVDD and DRVDD
VIL(DR)
-
0
-
V
Referenced Digital Inputs
RHP
Headphone Load
16
-
-
Ω
RLD
Line Driver Load
1k
-
-
Ω
RSPK (BTL)
Minimum Speaker Load in BTL Mode
4
-
-
Ω
RSPK (PBTL)
Minimum Speaker Load in PBTL Mode
2
-
-
Ω
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com