Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 5Page - Texas Instruments TAS5760LD Datasheet HTML 6Page - Texas Instruments TAS5760LD Datasheet HTML 7Page - Texas Instruments TAS5760LD Datasheet HTML 8Page - Texas Instruments TAS5760LD Datasheet HTML 9Page - Texas Instruments TAS5760LD Datasheet HTML 10Page - Texas Instruments TAS5760LD Datasheet HTML 11Page - Texas Instruments TAS5760LD Datasheet HTML 12Page - Texas Instruments TAS5760LD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
SPEAKER AMPLIFIER IN MONO PARALLEL BRIDGE TIED LOAD (PBTL) MODE
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
69
-
µVrms
RSPK = 8Ω, A-Weighted
ICN
Idle Channel Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
85
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
28.6
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
15.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8.4
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Instantaneous Output
PO(SPK)
Power
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
43.2
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.3
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
30
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
15.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8.4
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Continuous Output
PO(SPK)
Power(1)
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
28.5
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.3
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
100.4
-
dB
RSPK = 8Ω, A-Weighted, -60dBFS Input
Signal to Noise Ratio (Referenced
SNR
to THD+N = 1%)
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
99.5
-
dB
RSPK = 8Ω, A-Weighted, -60dBFS Input
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.03
-
%
RSPK = 2Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.02
-
%
RSPK = 4Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.02
-
%
RSPK = 8Ω, Po = 1 W
Total Harmonic Distortion and
THD+N(SPK)
Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.03
-
%
RSPK = 2Ω, Po = 1 W
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.02
-
%
RSPK = 4Ω, Po = 1 W
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.02
-
%
RSPK = 8Ω, Po = 1 W
(1)
The continuous power output of any amplifier is determined by the thermal performance of the amplifier as well as limitations placed on
it by the system around it, such as the PCB configuration and the ambient operating temperature. The performance characteristics listed
in this section are achievable on the TAS5760LD's EVM, which is representative of the poplular "2 Layers / 1oz Copper" PCB
configuration in a size that is representative of the amount of area often provided to the amplifier section of popular consumer audio
electronics. As can be seen in the instantaneous power portion of this table, more power can be delivered from the TAS5760LD if steps
are taken to pull more heat out of the device. For instance, using a board with more layers or adding a small heatsink will result in an
increase of continuous power, up to and including the instantaneous power level. This behavior can also been seen in the POUT vs.
PVDD plots shown in the typical performance plots section of this data sheet.
HEADPHONE AMPLIFIER / LINE DRIVER
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
Input to Output Attenuation when muted
-
80
-
dB
Output Offset Voltage of Headphone
|VOS|(DR)
-
0.5
-
mV
Amplifier and Line Driver
Copyright © 2013, Texas Instruments Incorporated
9
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com