Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 3Page - Texas Instruments TAS5760LD Datasheet HTML 4Page - Texas Instruments TAS5760LD Datasheet HTML 5Page - Texas Instruments TAS5760LD Datasheet HTML 6Page - Texas Instruments TAS5760LD Datasheet HTML 7Page - Texas Instruments TAS5760LD Datasheet HTML 8Page - Texas Instruments TAS5760LD Datasheet HTML 9Page - Texas Instruments TAS5760LD Datasheet HTML 10Page - Texas Instruments TAS5760LD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
PROTECTION CIRCUITRY
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
OVERTHRES(PVDD)
PVDD Over-Voltage Error Threshold
PVDD Rising
-
18
-
V
OVEFTHRES(PVDD)
PVDD Over-Voltage Error Threshold
PVDD Falling
-
17.3
-
V
PVDD Under-Voltage Error (UVE)
UVEFTHRES(PVDD)
PVDD Falling
-
3.95
-
V
Threshold
UVERTHRES(PVDD)
PVDD UVE Threshold (PVDD Rising)
PVDD Rising
-
4.15
-
V
Over-Temperature Error (OTE)
OTETHRES
-
150
-
°C
Threshold
Over-Temperature Error (OTE)
OTEHYST
-
15
-
°C
Hysteresis
Over-Current Error (OCE) Threshold
OCETHRES
PVDD= 15V, TA = 25 °C
-
7
-
A
for each BTL Output
DCETHRES
DC Error (DCE) Threshold
PVDD= 12V, TA = 25 °C
-
2.6
-
V
DC Detect Error
-
650
-
ms
Speaker Amplifier Fault Time Out
TSPK_FAULT
period
OTE or OCP Fault
1.3
s
Under-Voltage Error (UVE) Threshold
UVETHRES(DRVDD)
Sensed on DR_UVE pin
-
1.25
-
V
for headphone / line driver amplifier
Current Sourcing Limit of the
ILIMIT(DR)
-
68
-
mA
Headphone / Line Driver Amplifier
SPEAKER AMPLIFIER IN ALL MODES
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV00
-
25.2
-
dBV
SPK_GAIN[1:0] Pins = 00
available in Software Control
Mode)(1)
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV01
-
28.6
-
dBV
SPK_GAIN[1:0] Pins = 01
available in Software Control
Mode)(1)
Hardware Control Mode
Speaker Amplifier Gain with
(Additional gain settings
AV10
-
30
-
dBV
SPK_GAIN[1:0] Pins = 10
available in Software Control
Mode)(1)
Speaker Amplifier Gain with
(This setting places the device
(Set via
AV11
-
-
-
SPK_GAIN[1:0] Pins = 11
in Software Control Mode)
I²C)
BTL, Worst case over voltage,
-
-
10
mV
gain settings
|VOS|(SPK_
Speaker Amplifier DC Offset
AMP)
PBTL, Worst case over voltage,
-
-
15
mV
gain settings
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(0)
-
16
-
x fS
when PWM_FREQ Pin = 0
available in Software Control
Mode.)
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(1)
-
8
-
x fS
when PWM_FREQ Pin = 1
available in Software Control
Mode.)
PVDD = 15 V, TA = 25 °C, Die
-
120
-
m
Ω
Only
On Resistance of Output MOSFET (both
RDS(ON)
PVDD= 15V, TA = 25 °C,
high-side and low-side)
Includes: Die, Bond Wires,
-
150
-
m
Ω
Leadframe
(1)
The digital boost block contributes +6dB of gain to this value. The audio signal must be kept below -6dB to avoid clipping the digital
audio path.
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com