Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 37Page - Texas Instruments TAS5760LD Datasheet HTML 38Page - Texas Instruments TAS5760LD Datasheet HTML 39Page - Texas Instruments TAS5760LD Datasheet HTML 40Page - Texas Instruments TAS5760LD Datasheet HTML 41Page - Texas Instruments TAS5760LD Datasheet HTML 42Page - Texas Instruments TAS5760LD Datasheet HTML 43Page - Texas Instruments TAS5760LD Datasheet HTML 44Page - Texas Instruments TAS5760LD Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
1.0 UF
0.22UF
0.22UF
0.22UF
0.22UF
1 UF
RUVP1
RUVP2
1.5UF
10 l3
5.6 l3
10 l3
220 pF
HP
LD
1.5UF
10 l3
5.6 l3
10 l3
220 pF
1 UF
1 UF
Gain Set by Pin Decode
1.0 UF
RCLIP2
System Processor
&
Associated Passive
Components
1.0 UF
RCLIP1
LFILT
LFILT
CFILT
CFILT
LFILT
LFILT
CFILT
CFILT
1.0 UF
1.0 UF
HIGH
Æ fSPK_AMP = 8 * fS
LOW
Æ fSPK_AMP = 16 * fS
10 l3
VDD
VDD
38
39
1
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
37
36
35
34
33
32
31
30
29
28
27
26
25
10
11
ANA_REG
VCOM
ANA_REF
SPK_FAULT
SPK_SD
FREQ/SDA
PBTL/SCL
DVDD
SPK_GAIN1
SPK_SLEEP/ADR
MCLK
SDIN
LRCK
DGND
DR_INA-
DR_INA+
DR_OUTA
DRGND
DR_MUTE
DR_CN
DRVSS
SCLK
SPK_GAIN0
SFT_CLIP
GGND
AVDD
PVDD
PVDD
BSTRPA+
SPK_OUTA+
PGND
SPK_OUTA-
BSTRPB+
SPK_OUTB-
PGND
BSTRPB-
PVDD
PVDD
DR_INB-
DR_INB+
DR_OUTB
DR_UVE
DRGND
DR_CP
DRVDD
SPK_OUTB+
BSTRPA-
GVDD_REG
PVDD
0.1 UF
0.1 UF
470 UF
VDD
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
Figure 45. Stereo BTL using Hardware Control
Copyright © 2013, Texas Instruments Incorporated
41
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com