Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 3 Page - Texas Instruments

  TAS5760LD Datasheet HTML 1Page - Texas Instruments TAS5760LD Datasheet HTML 2Page - Texas Instruments TAS5760LD Datasheet HTML 3Page - Texas Instruments TAS5760LD Datasheet HTML 4Page - Texas Instruments TAS5760LD Datasheet HTML 5Page - Texas Instruments TAS5760LD Datasheet HTML 6Page - Texas Instruments TAS5760LD Datasheet HTML 7Page - Texas Instruments TAS5760LD Datasheet HTML 8Page - Texas Instruments TAS5760LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
PowerPAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SFT_CLIP
ANA_REG
VCOM
ANA_REF
SPK_FAULT
SPK_SD
FREQ/SDA
PBTL/SCL
DVDD
SPK_GAIN0
SPK_GAIN1
SPK_SLEEP/ADR
MCLK
SCLK
SDIN
LRCK
DGND
DR_INA-
DR_INA+
DR_OUTA
DRGND
DR_MUTE
DRVSS
DR_CN
GVDD_REG
GGND
AVDD
PVDD
PVDD
BSTRPA+
SPK_OUTA+
PGND
SPK_OUTA-
BSTRPA-
BSTRPB-
SPK_OUTB-
PGND
SPK_OUTB+
BSTRPB+
PVDD
PVDD
DR_INB-
DR_INB+
DR_OUTB
DR_UVE
DRGND
DRVDD
DR_CP
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
PINOUT AND PIN DESCRIPTIONS
TSSOP PACKAGE
DCA-48
(TOP VIEW)
Pin Descriptions
TAS5760LD
Internal
No.
Type
Description
Termination
Name
AVDD
46
P
-
Power supply for internal analog circuitry
ANA_REF
4
P
-
Connection point for internal reference used by ANA_REG and VCOM filter capacitors.
Voltage regulator derived from AVDD supply (NOTE: This terminal is provided as a connection
ANA_REG
2
P
-
point for filtering capacitors for this supply and must not be used to power any external circuitry)
Connection point for the SPK_OUTA- bootstrap capacitor, which is used to create a power
BSTRPA-
39
P
-
supply for the high-side gate drive for SPK_OUTA-
Connection point for the SPK_OUTA+ bootstrap capacitor, which is used to create a power
BSTRPA+
43
P
-
supply for the high-side gate drive for SPK_OUTA+
Connection point for the SPK_OUTB- bootstrap capacitor, which is used to create a power
BSTRPB-
38
P
-
supply for the high-side gate drive for SPK_OUTB-
Connection point for the SPK_OUTB+ bootstrap capacitor, which is used to create a power
BSTRPB+
34
P
-
supply for the high-side gate drive for SPK_OUTB+
DGND
17
G
-
Ground for digital circuitry (NOTE: This terminal should be connected to the system ground)
DR_CN
24
P
-
Negative terminal for capacitor connection used in headphone amplifier/line driver charge pump
DR_CP
25
P
-
Positive terminal for capacitor connection used in headphone amplifier/line driver charge pump
DR_INA-
18
AI
-
Negative differential input for channel A of headphone amplifier/line driver
DR_INA+
19
AI
-
Positive differential input for channel A of headphone amplifier/line driver
DR_INB-
31
AI
-
Negative differential input for channel B of headphone amplifier/line driver
DR_INB+
30
AI
-
Positive differential input for channel B of headphone amplifier/line driver
DR_MUTE
22
DI
-
Places the headphone amplifier/line driver in mute
DR_OUTA
20
AO
-
Output for channel A of headphone amplifier/line driver
DR_OUTB
29
AO
-
Output for channel B of headphone amplifier/line driver
DR_UVE
28
AI
-
Sense pin for under-voltage protection circuit for the headphone amplifier/line driver
Negative power supply generated by charge pump from the DRVDD supply for ground centered
DR_VSS
23
P
-
headphone/line driver output
Ground for headphone amplifier/line driver circuitry (NOTE: This terminal should be connected to
DRGND
21
G
-
the system ground)
Copyright © 2013, Texas Instruments Incorporated
3
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com