Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 17Page - Texas Instruments TAS5760LD Datasheet HTML 18Page - Texas Instruments TAS5760LD Datasheet HTML 19Page - Texas Instruments TAS5760LD Datasheet HTML 20Page - Texas Instruments TAS5760LD Datasheet HTML 21Page - Texas Instruments TAS5760LD Datasheet HTML 22Page - Texas Instruments TAS5760LD Datasheet HTML 23Page - Texas Instruments TAS5760LD Datasheet HTML 24Page - Texas Instruments TAS5760LD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Digital to PWM
Conversion
Digital
Boost
&
Volume
Control
Full Bridge
Power Stage
B
Serial
Audio
Port
Full Bridge
Power Stage
A
Gate
Drives
Gate
Drives
Digital
Clipper
Closed Loop Class D Amplifier
Digital Gain
(GDIG)
Analog Gain
(GANA)
011010..
.
Serial
Audio In
PWM
Audio Out
HPF
Interpolation
Filter
SFT_CLIP
1 2 3 4 5 6
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
Speaker Amplifier Audio Signal Path
The block diagram for the TAS5760LD's speaker amplifier is shown below. In Hardware Control mode, a limited
subset of audio path controls are made available via external pins, which are pulled "HIGH" or "LOW" to
configure the device. In Software Control Mode, the additional features and configurations are available. All of
the available controls are discussed in this section, and the subset of controls that available in Hardware Control
Mode are discussed in its respective section below.
Serial Audio Port (SAP)
The serial audio port (SAP) receives audio in either I²S, Left Justified, or Right Justified formats. In Hardware
Control mode, the device operates only in 32, 48 or 64 x fS I²S mode. In Software Control mode, additional
options for left-justified and right justified audio formats are available. The supported clock rates and ratios for
Hardware Control Mode and Software Control Mode are detailed in their respective sections below.
I²S Timing
I²S timing uses LRCK to define when the data being transmitted is for the left channel and when it is for the right
channel. LRCK is "LOW" for the left channel and "HIGH" for the right channel. A bit clock, called SCLK, runs at
32, 48, or 64 × fS and is used to clock in the data. There is a delay of one bit clock from the time the LRCK signal
changes state to the first bit of data on the data lines. The data is presented in 2's-complement form (MSB-first)
and is valid on the rising edge of bit clock.
Left-Justified
Left-justified (LJ) timing also uses LRCK to define when the data being transmitted is for the left channel and
when it is for the right channel. LRCK is "HIGH" for the left channel and "LOW" for the right channel. A bit clock
running at 32, 48, or 64 × fS is used to clock in the data. The first bit of data appears on the data lines at the
same time LRCK toggles. The data is written MSB-first and is valid on the rising edge of the bit clock. The
TAS5760LD can accept digital words from 16 to 24 bits wide and pads any unused trailing data-bit positions in
the L/R frame with zeros before presenting the digital word to the audio signal path.
Right-Justified
Right-justified (RJ) timing also uses LRCK to define when the data being transmitted is for the left channel and
when it is for the right channel. LRCK is "HIGH" for the left channel and "LOW" for the right channel. A bit clock
running at 32, 48, or 64 × fS is used to clock in the data. The first bit of data appears on the data 8 bit-clock
periods (for 24-bit data) after LRCK toggles. In RJ mode the LSB of data is always clocked by the last bit clock
before LRCK transitions. The data is written MSB-first and is valid on the rising edge of bit clock. The
TAS5760LD pads unused leading data-bit positions in the left/right frame with zeros before presenting the digital
word to the audio signal path.
Copyright © 2013, Texas Instruments Incorporated
21
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com