Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 18Page - Texas Instruments TAS5760LD Datasheet HTML 19Page - Texas Instruments TAS5760LD Datasheet HTML 20Page - Texas Instruments TAS5760LD Datasheet HTML 21Page - Texas Instruments TAS5760LD Datasheet HTML 22Page - Texas Instruments TAS5760LD Datasheet HTML 23Page - Texas Instruments TAS5760LD Datasheet HTML 24Page - Texas Instruments TAS5760LD Datasheet HTML 25Page - Texas Instruments TAS5760LD Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Digital to PWM
Conversion
011010..
.
Digital
Comparator
Mux
22 Bit Audio Sample in Data Path
20 Bit Digital Clipper Level in Control Port
Digital Clipper
TAS5760LD
SLOS781 – JULY 2013
www.ti.com
DC Blocking Filter
Excessive DC content in the audio signal can damage loudspeakers and even small amounts of DC offset in the
signal path cause cause audible artifacts when muting and unmuting the speaker amplifier. For these reasons,
the amplifier employs two separate DC blocking methods for the speaker amplifier. The first is a high-pass filter
provided at the front of the data path to remove any DC from incoming audio data before it is presented to the
audio path. The -3dB corner frequencies for the filter are specified in the speaker amplifier electrical
characteristics table. In Hardware Control mode, the DC blocking filter is active and cannot be disabled. In
Software Control mode, the filter can be bypassed by writing a 1 to bit 7 of register 0x02. The second method is
a DC detection circuit that will shutdown the power stage and issue a latching fault if DC is found to be present
on the output due to some internal error of the device. This DC Error (DCE) protection is discussed in the
Protection Circuitry section below.
Digital Boost and Volume Control
Following the high-pass filter, a digital boost block is included to provide additional digital gain if required for a
given application as well as to set an appropriate clipping point for a given GAIN[1:0] pin configuration when in
Hardware Control mode. The digital boost block defaults to +6dB when the device is in Hardware Mode. In most
use cases, the digital boost block will remain unchanged when operating the device in Software Control mode, as
the volume control offers sufficient digital gain for most applications. The TAS5760LD's digital volume control
operates from Mute to +24dB, in steps of 0.5dB. The equation below illustrates how to set the 8-bit volume
control register at address 0x04:
spacer
DVC [Hex Value] = 0xCF + (DVC [dB] / 0.5 [dB] )
(1)
spacer
Transitions between volume settings will occur at a rate of 0.5dB every 8 LRCK cycles to ensure no audible
artifacts occur during volume changes. This volume fade feature can be disabled via Bit 7 of the Volume Control
Configuration Register.
Digital Clipper
A digital clipper is integrated in the oversampled domain to provide a component-free method to set the clip point
of the speaker amplifier. Via the "Digital Clipper Level x" controls in the I²C control port, the point at which the
oversampled digital path clips can be set directly, which in turns sets the 10% THD+N operating point of the
amplifier. This is useful for applications in which a single system is designed for use in several end applications
that have different power rating specifications. its place in the oversampled domain ensures that the digital
clipper is acoustically appealing and reduces or eliminates tones which would otherwise foldback into the audio
band
during
clipping
events.
The
block
diagram
of
the
digital
clipper
is
shown
below:
Figure 38. Digital Clipper Simplified Block Diagram
As mentioned previously, the audio signature of the amplifier when the digital clipper is active is very smooth,
owing to its place in the signal chain. The typical behavior of the clipping events are shown in the screen shot
below.
22
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com