Electronic Components Datasheet Search
  English  ▼

X  

TAS5760LD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760LD
Description  General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760LD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5760LD Datasheet HTML 9Page - Texas Instruments TAS5760LD Datasheet HTML 10Page - Texas Instruments TAS5760LD Datasheet HTML 11Page - Texas Instruments TAS5760LD Datasheet HTML 12Page - Texas Instruments TAS5760LD Datasheet HTML 13Page - Texas Instruments TAS5760LD Datasheet HTML 14Page - Texas Instruments TAS5760LD Datasheet HTML 15Page - Texas Instruments TAS5760LD Datasheet HTML 16Page - Texas Instruments TAS5760LD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
Output Power (W)
RL = 4Ω
RL = 6Ω
RL = 8Ω
G027
0.001
0.01
0.1
1
10
0.01
0.1
1
10
80
Output Power (W)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G029
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G025
0
10
20
30
40
50
60
70
80
90
100
110
8
9
10
11
12
13
14
15
16
Supply Voltage (V)
Ch1 ICN @ Gain = 00
Ch2 ICN @ Gain = 00
Ch1 ICN @ Gain = 01
Ch2 ICN @ Gain = 01
Idle Channel
RL = 8 Ω
G026
0
5
10
15
20
25
30
35
40
4
6
8
10
12
14
16
Supply Voltage (V)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
4
Ω Thermal Limit
6
Ω Thermal Limit
8
Ω Thermal Limit
THD+N = 10%
G001
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency (Hz)
RL = 4 Ω
RL = 6 Ω
RL = 8 Ω
G024
TAS5760LD
www.ti.com
SLOS781 – JULY 2013
TYPICAL SPEAKER AMPLIFIER PERFORMANCE CHARACTERISTICS (Stereo BTL Mode)
At TA = 25°C, fSPK_AMP = 384kHz, input signal is 1 kHz Sine, unless otherwise noted.
Filter used for 8
Ω = 22 µH + 0.68 µF, Filter used for 6 Ω = 15 µH + 0.68 µF, Filter used for 4 Ω = 10 µH + 0.68 µF unless
otherwise noted.
NOTE: Thermal Limits are referenced to TAS5760xxEVM Rev D
Figure 1. Output Power vs PVDD
Figure 2. THD+N vs Frequency with
PVDD = 12 V, POSPK = 1 W
Figure 3. THD+N vs Frequency with
Figure 4. Idle Channel Noise vs PVDD
PVDD = 12 V, POSPK = 1 W
Figure 5. THD+N vs Output Power with
Figure 6. THD+N vs Output Power with
PVDD = 12 V, Both Channels Driven
PVDD = 12 V, Both Channels Driven
Copyright © 2013, Texas Instruments Incorporated
13
Product Folder Links: TAS5760LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com