Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 7Page - SMSC Corporation USB2422 Datasheet HTML 8Page - SMSC Corporation USB2422 Datasheet HTML 9Page - SMSC Corporation USB2422 Datasheet HTML 10Page - SMSC Corporation USB2422 Datasheet HTML 11Page - SMSC Corporation USB2422 Datasheet HTML 12Page - SMSC Corporation USB2422 Datasheet HTML 13Page - SMSC Corporation USB2422 Datasheet HTML 14Page - SMSC Corporation USB2422 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
11
Revision 1.0 (06-04-13)
DATASHEET
2.3
Pin Descriptions (Grouped by Function)
Table 2.2 USB2422 Pin Descriptions
PIN
#
SYMBOL
BUFFER
TYPE
DESCRIPTION
UPSTREAM USB 2.0 INTERFACES
19
20
USBDM_UP
USBDP_UP
IO-U
USB Bus Data:
Connect to the upstream USB bus data signals (host, port, or
upstream hub).
16
VBUS_DET
I
Detect Upstream VBUS Power:
Detects the state of upstream VBUS power. The SMSC hub monitors
VBUS_DET to determine when to assert the internal D+ pull-up
resistor (signalling a connect event)
When designing a detachable hub, this pin should be connected to
VBUS on the upstream port via a 2:1 voltage divider. Two 100 k
Ω
resistors are suggested.
For self-powered applications with a permanently attached host, this
pin must be connected to a dedicated host control output, or
connected to the 3.3 V domain that powers the host (typically VDD33).
DOWNSTREAM USB 2.0 INTERFACES
5
3
and
4
2
USBDP_DN[2:1]/
PRT_DIS_P[2:1]
and
USBDN_DN[2:1]/
PRT_DIS_M[2:1]
IO-U
Hi-Speed USB Data:
Connect to the downstream USB peripheral devices attached to the
hub’s ports.
Port Disable Strap Option:
If this strap is enabled by package and configuration settings (see
Table 4.1, "Hub Configuration Options"), this pin will be sampled at
RESET_N negation to determine if the port is disabled.
Both USB data pins for the corresponding port must be tied to VDD33
to disable the associated downstream port.
7
PRTPWR1/
O12
USB Power Enable:
Enables power to USB peripheral devices that are downstream, where
the hub supports active high power controllers only.
BC_EN1
IPD
Battery Charging Strap Option:
Port 1 pin will be sampled at RESET_N negation to determine if port
1 supports the battery charging protocol (and thus the supporting
external port power controllers) that would enable a device to draw the
currents per the USB Battery Charging Specification.
This pin has an internal pull-down that will be removed after the strap
option hold time is completed.
BC_EN1= 1: Battery charging feature is supported for port 1
BC_EN1= 0: Battery charging feature is not supported for port 1
11
PRTPWR2
O12
USB Power Enable:
Enables power to USB peripheral devices that are downstream, where
the hub supports active high power controllers only.
8
12
OCS1_N
OCS2_N
IPU
Over-Current Sense:
Input from external current monitor indicating an over-current
condition. This pin contains an internal pull-up to the 3.3 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com