Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 36 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 32Page - SMSC Corporation USB2422 Datasheet HTML 33Page - SMSC Corporation USB2422 Datasheet HTML 34Page - SMSC Corporation USB2422 Datasheet HTML 35Page - SMSC Corporation USB2422 Datasheet HTML 36Page - SMSC Corporation USB2422 Datasheet HTML 37Page - SMSC Corporation USB2422 Datasheet HTML 38Page - SMSC Corporation USB2422 Datasheet HTML 39Page - SMSC Corporation USB2422 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
36
SMSC USB2422
DATASHEET
4.4.27
Boost Upstream Register (BOOSTUP)
4.4.28
Boost Downstream Register (BOOST40)
Address:
F6h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:2
RESERVED
--
1:0
Boost Upstream (BOOST_IOUT_A)
USB electrical signaling drive strength Boost Bit for Upstream Port 'A'.
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
R/W
00b
Address:
F8h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:4
RESERVED
--
3:2
Boost Downstream Port 2 (BOOST_IOUT_2)
USB electrical signaling drive strength Boost Bit for Upstream Port '2'.
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
R/W
00b
1:0
Boost Downstream Port 1 (BOOST_IOUT_1)
USB electrical signaling drive strength Boost Bit for Upstream Port '1'.
00 = Normal electrical drive strength
01 = Elevated electrical drive strength (+4% boost)
10 = Elevated electrical drive strength (+8% boost)
11 = Elevated electrical drive strength (+12% boost)
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com