Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 25 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 25 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 21Page - SMSC Corporation USB2422 Datasheet HTML 22Page - SMSC Corporation USB2422 Datasheet HTML 23Page - SMSC Corporation USB2422 Datasheet HTML 24Page - SMSC Corporation USB2422 Datasheet HTML 25Page - SMSC Corporation USB2422 Datasheet HTML 26Page - SMSC Corporation USB2422 Datasheet HTML 27Page - SMSC Corporation USB2422 Datasheet HTML 28Page - SMSC Corporation USB2422 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
25
Revision 1.0 (06-04-13)
DATASHEET
4.4.1
Vendor ID Least Significant Bit Register (VIDL)
4.4.2
Vendor ID Most Significant Bit Register (VIDM)
F6h
R/W
Boost Upstream Register (BOOSTUP)
00h
00h
F7h
-
RESERVED
-
-
F8h
R/W
Boost Downstream Register (BOOST40)
00h
00h
F9h
-
RESERVED
-
-
FAh
R/W
Port Swap Register (PRTSP)
00h
00h
FBh
R/W
Port 1/2 Remap Register (PRTR12)
00h
00h
FCh-FEh
-
RESERVED
-
-
FFh
R/W
Status/Command Register (STCD)
00h
00h
Offset:
00h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Least Significant Byte of the Vendor ID (VID_LSB)
This is a 16-bit value that uniquely identifies the Vendor of the user device
(assigned by USB-Interface Forum). This field is set by the OEM using the
SMBus interface option.
R/W
00h
Address:
01h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Most Significant Byte of the Vendor ID (VID_LSB)
This is a 16-bit value that uniquely identifies the Vendor of the user device
(assigned by USB-Interface Forum). This field is set by the OEM using the
SMBus interface options.
R/W
00h
Table 4.3 Internal Default and SMBus Register Memory Map (continued)
REG.
ADDRESS
TYPE
REGISTER NAME
INTERNAL
DEFAULT
ROM
SMBUS &
EEPROM
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com