Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 16Page - SMSC Corporation USB2422 Datasheet HTML 17Page - SMSC Corporation USB2422 Datasheet HTML 18Page - SMSC Corporation USB2422 Datasheet HTML 19Page - SMSC Corporation USB2422 Datasheet HTML 20Page - SMSC Corporation USB2422 Datasheet HTML 21Page - SMSC Corporation USB2422 Datasheet HTML 22Page - SMSC Corporation USB2422 Datasheet HTML 23Page - SMSC Corporation USB2422 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
20
SMSC USB2422
DATASHEET
Chapter 4 Configuration Options
SMSC’s USB 2.0 hub is fully compliant with the USB Specification [1]. Refer to Chapter 10 (Hub
Specification) for general details regarding hub operation and functionality.
The hub provides one Transaction Translator (TT) that is shared by both downstream ports (defined
as Single-TT configuration). The TT contains 4 non-periodic buffers.
4.1
Hub Configuration
The USB2422 only supports internal defaults with the exception of the non-removable strap option
(using NON_REM[1:0]). The hub internal default settings are as follows:
Internal Default Configuration without over-rides
Strap options enabled
Self-powered operation enabled
Individual power switching
Individual over-current sensing
4.2
Resets
There are two device resets: a hardware reset via RESET_N, and a USB Bus Reset.
4.2.1
External Hardware RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1
μs after all power
supplies are within operating range. While reset is asserted, the hub (and its associated external
circuitry) consumes less than 500
μA of current from the upstream USB power source.
Assertion of RESET_N causes the following:
1. All downstream ports are disabled.
2. The PRTPWR power to downstream devices is turned on when battery charging is enabled for a
specific port, and removed when battery charging is disabled for a specific port.
3. The PHYs are disabled, and the differential pairs will be in a high-impedance state.
4. All transactions immediately terminate; no states are saved.
5. All internal registers return to the default state (in most cases, 00h).
6. The external crystal oscillator is halted.
Table 4.1 Hub Configuration Options
CFG_SEL
DESCRIPTION
0
Default configuration:
Strap options enabled
Hub descriptors indicate the hub as “self-powered”
1
The hub is configured externally over SMBus (as an SMBus
slave device with address 0101100b):
Strap options disabled
Self-powered or bus-powered depending on register
settings
All registers configured over SMBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com