Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 37 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 37 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 33Page - SMSC Corporation USB2422 Datasheet HTML 34Page - SMSC Corporation USB2422 Datasheet HTML 35Page - SMSC Corporation USB2422 Datasheet HTML 36Page - SMSC Corporation USB2422 Datasheet HTML 37Page - SMSC Corporation USB2422 Datasheet HTML 38Page - SMSC Corporation USB2422 Datasheet HTML 39Page - SMSC Corporation USB2422 Datasheet HTML 40Page - SMSC Corporation USB2422 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
37
Revision 1.0 (06-04-13)
DATASHEET
4.4.29
Port Swap Register (PRTSP)
Address:
FAh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Port Swap (PRTSP)
Swaps the Upstream and Downstream USB DP and DM Pins for ease of
board routing to devices and connectors.
0 = USB D+ functionality is associated with the DP pin and D-
functionality is associated with the DM pin.
1 = USB D+ functionality is associated with the DM pin and D-
functionality is associated with the DP pin
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved
Bit 2= Port 2 DP/DM Swap
Bit 1= Port 1 DP/DM Swap
Bit 0= Upstream Port DP/DM Swap
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com