Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 8Page - SMSC Corporation USB2422 Datasheet HTML 9Page - SMSC Corporation USB2422 Datasheet HTML 10Page - SMSC Corporation USB2422 Datasheet HTML 11Page - SMSC Corporation USB2422 Datasheet HTML 12Page - SMSC Corporation USB2422 Datasheet HTML 13Page - SMSC Corporation USB2422 Datasheet HTML 14Page - SMSC Corporation USB2422 Datasheet HTML 15Page - SMSC Corporation USB2422 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
12
SMSC USB2422
DATASHEET
24
RBIAS
I-R
USB Transceiver Bias:
A12.0 k
Ω (+/- 1%) resistor is attached from ground to this pin to set
the transceiver’s internal bias settings.
SERIAL PORT INTERFACE
13
SMBDATA
I/OSD12
System Management Bus Data
NON_REM1
Non-removable Port Strap Option:
This pin is sampled (in conjunction with SUSP_IND/NON_REM0) at
RESET_N negation to determine if ports [2:1] contain permanently
attached (non-removable) devices:
NON_REM[1:0] = 00: all ports are removable
NON_REM[1:0] = 01: port 1 is non-removable
NON_REM[1:0] = 10: ports 1 and 2 are non-removable
NON_REM[1:0] = 11: reserved
See Section 2.5, "Strap Pin Configuration" for details.
14
SMBCLK/
I/OSD12
System Management Bus Clock
CFG_SEL
Configuration Select:
The logic state of this multifunction pin is internally latched on the
rising edge of RESET_N (RESET_N negation), and will determine the
hub configuration method as described in Table 4.1.
MISC
22
XTALIN/
CLKIN
ICLKx
24 MHz Crystal or External Clock Input:
This pin connects to either one terminal of the crystal or to an external
24 MHz clock when a crystal is not used.
21
XTALOUT
OCLKx
Crystal Output:
This is the other terminal of the crystal circuit with 1.2 V p-p output and
a weak (< 1 mA) driving strength. When an external clock source is
used to drive XTALIN/CLKIN, leave this pin unconnected, or use with
appropriate caution.
15
RESET_N
IS
RESET Input:
The system must reset the chip by driving this input low. The minimum
active low pulse is 1
μs.
6
NC
IPD
Treat as a no connect pin or connect to ground. No trace or signal
should be routed or attached to this pin.
Table 2.2 USB2422 Pin Descriptions (continued)
PIN
#
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com