Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 14Page - SMSC Corporation USB2422 Datasheet HTML 15Page - SMSC Corporation USB2422 Datasheet HTML 16Page - SMSC Corporation USB2422 Datasheet HTML 17Page - SMSC Corporation USB2422 Datasheet HTML 18Page - SMSC Corporation USB2422 Datasheet HTML 19Page - SMSC Corporation USB2422 Datasheet HTML 20Page - SMSC Corporation USB2422 Datasheet HTML 21Page - SMSC Corporation USB2422 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
18
SMSC USB2422
DATASHEET
Chapter 3 Battery Charging Support
The USB2422 SMSC hub provides support for battery charging devices on a per port basis in
compliance with the USB Battery Charging Specification, Revision 1.1. The hub can be configured to
individually enable each downstream port for battery charging support either via pin strapping (Port 1
only) as illustrated in Figure 3.1 or by setting the corresponding configuration bits via SMBus (Section
4.1 on page 20).
Figure 3.1 Battery Charging via External Power Supply
Note: RSTRAP enables battery charging.
3.1
USB Battery Charging
A downstream port enabled for battery charging turns on port power as soon as the power on reset
and hardware configuration process has completed. The hub does not need to be enumerated nor
does VBUS_DET need to be asserted for the port power to be enabled. These conditions allow battery
charging in S3, S4, and S5 system power states as well as in the fully operational state. The USB
Battery Charging Specification does not interfere with standard USB operation, which allows a device
to perform battery charging at any time.
A port that supports battery charging must be able to support 1.5 amps of current on VBUS. Standard
USB port power controllers typically only allow for 0.8 amps of current before detecting an over-current
condition. Therefore, the 5 volt power supply, port power controller, or over-current protection devices
must be chosen to handle the larger current demand compared to standard USB hub designs.
3.1.1
Special Behavior of PRTPWR Pins
The USB2422 enables VBUS by asserting the port power (PRTPWR[2:1]) as soon as the hardware
configuration process has completed. If the port detects an over-current condition, PRTPWR[2:1] will
be turned off to protect the circuitry from overloading. If an over-current condition is detected when the
hub is not enumerated, PRTPWR[2:1] can only be turned on from the host or if RESET_N is toggled.
These behaviors provide battery charging even when the hub is not enumerated and protect the hub
from sustained short circuit conditions. If the short circuit condition persists when the hub is plugged
into a host system the user is notified that a port has an over-current condition. Otherwise
PRTPWR[2:1] turned on by the host system and the ports operate normally.
USB2422
USB Port Power
Controller
IN
EN
FLAG
VBUS
5.0 V
3.3 V
RSTRAP
PRTPWR1
OCSx_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com