Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 27Page - SMSC Corporation USB2422 Datasheet HTML 28Page - SMSC Corporation USB2422 Datasheet HTML 29Page - SMSC Corporation USB2422 Datasheet HTML 30Page - SMSC Corporation USB2422 Datasheet HTML 31Page - SMSC Corporation USB2422 Datasheet HTML 32Page - SMSC Corporation USB2422 Datasheet HTML 33Page - SMSC Corporation USB2422 Datasheet HTML 34Page - SMSC Corporation USB2422 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB2422
31
Revision 1.0 (06-04-13)
DATASHEET
4.4.11
Port Disable for Self-Powered Operation Register (PDS)
4.4.12
Port Disable for Bus-Powered Operation Register (PDB)
Address:
0Ah
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Port Disable Self-Powered (PORT_DIS_SP)
Disables 1 or more ports.
0 = port is available
1 = port is disabled
During Self-Powered operation, when PRTMAP_EN = '0', this selects the
ports which will be permanently disabled, and are not available to be
enabled or enumerated by a Host Controller. The ports can be disabled in
any order, the internal logic will automatically report the correct number of
enabled ports to the USB Host, and will reorder the active ports in order to
ensure proper function.
When using the internal default option, the PRT_DIS[1:0] pins will disable
the appropriate ports.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved
Bit 2= Port 2 Disable
Bit 1= Port 1 Disable
Bit 0= Reserved
R/W
00h
Address:
0Bh
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Port Disable Bus-Powered (PORT_DIS_BP)
Disables 1 or more ports.
0 = port is available
1 = port is disabled
During Bus-Powered operation, when PRTMAP_EN = '0', this selects the
ports which will be permanently disabled, and are not available to be
enabled or enumerated by a Host Controller. The ports can be disabled in
any order, the internal logic will automatically report the correct number of
enabled ports to the USB Host, and will reorder the active ports in order to
ensure proper function.
When using the internal default option, the PRT_DIS[1:0] pins will disable
the appropriate ports.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved
Bit 2= Port 2 Disable
Bit 1= Port 1 Disable
Bit 0= Reserved
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com