Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 26Page - SMSC Corporation USB2422 Datasheet HTML 27Page - SMSC Corporation USB2422 Datasheet HTML 28Page - SMSC Corporation USB2422 Datasheet HTML 29Page - SMSC Corporation USB2422 Datasheet HTML 30Page - SMSC Corporation USB2422 Datasheet HTML 31Page - SMSC Corporation USB2422 Datasheet HTML 32Page - SMSC Corporation USB2422 Datasheet HTML 33Page - SMSC Corporation USB2422 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
30
SMSC USB2422
DATASHEET
4.4.9
Configuration Data Byte 3 Register (CFG3)
4.4.10
Non-Removable Device Register (NRD)
Address:
08h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:4
RESERVED
--
3
Port Remapping Enable (PRTMAP_EN)
Selects the method used by the hub to assign port numbers and disable
ports
0 = Standard Mode
Strap options or the following registers are used to define which ports are
enabled, and the ports are mapped as Port'n' on the hub is reported as
Port'n' to the host, unless one of the ports is disabled, then the higher
numbered ports are remapped in order to report contiguous port numbers to
the host.
Register 0Ah: Port Disable For Self Powered Operation (Reset = 0x00)
Register 0Bh: Port Disable For Bus Powered Operation (Reset = 0x00).
1 = Port Re-Map mode
The mode enables remapping via Register FBh: Port Remap 12
R/W
0b
2:1
RESERVED
--
0
String Enable (STRING_EN)
Enables string descriptor support.
0 = String support disabled
1 = String support enabled
R/W
0b
Address:
09h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Non-Removable Device (NR_DEVICE)
Indicates which port(s) include non- removable devices.
0 = port is removable
1 = port is non- removable
Informs the Host if one of the active physical ports has a permanent device
that is undetachable from the Hub.
Note:
The device must provide its own descriptor data.
When using the internal default option, the NON_REM[1:0] pins will
designate the appropriate ports as being non- removable.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Reserved
Bit 2= Port 2 non-removable
Bit 1= Port 1 non removable
Bit 0= Reserved
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com