Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 20Page - SMSC Corporation USB2422 Datasheet HTML 21Page - SMSC Corporation USB2422 Datasheet HTML 22Page - SMSC Corporation USB2422 Datasheet HTML 23Page - SMSC Corporation USB2422 Datasheet HTML 24Page - SMSC Corporation USB2422 Datasheet HTML 25Page - SMSC Corporation USB2422 Datasheet HTML 26Page - SMSC Corporation USB2422 Datasheet HTML 27Page - SMSC Corporation USB2422 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
24
SMSC USB2422
DATASHEET
4.4
SMBus Registers
This section details the device SMBus registers.
Note: Internal Default ROM values are not visible to THE SMBus interface and cannot be read. When
the hub is configured for SMBus register load, the entire register set must be written.
Table 4.3 Internal Default and SMBus Register Memory Map
REG.
ADDRESS
TYPE
REGISTER NAME
INTERNAL
DEFAULT
ROM
SMBUS &
EEPROM
DEFAULT
00h
R/W
Vendor ID Least Significant Bit Register (VIDL)
24h
00h
01h
R/W
Vendor ID Most Significant Bit Register (VIDM)
04h
00h
02h
R/W
Product ID Least Significant Bit Register (PIDL)
22h
00h
03h
R/W
Product ID Most Significant Bit Register (PIDM)
24h
00h
04h
R/W
Device ID Least Significant Bit Register (DIDL)
A0h
00h
05h
R/W
Device ID Most Significant Bit Register (DIDM)
00h
00h
06h
R/W
Configuration Data Byte 1 Register (CFG1)
8Bh
00h
07h
R/W
Configuration Data Byte 2 Register (CFG2)
20h
00h
08h
R/W
Configuration Data Byte 3 Register (CFG3)
02h
00h
09h
R/W
Non-Removable Device Register (NRD)
00h
00h
0Ah
R/W
Port Disable for Self-Powered Operation Register (PDS)
00h
00h
0Bh
R/W
Port Disable for Bus-Powered Operation Register (PDB)
00h
00h
0Ch
R/W
Max Power for Self-Powered Operation Register (MAXPS)
01h
00h
0Dh
R/W
Max Power for Bus-Powered Operation Register (MAXPB)
32h
00h
0Eh
R/W
Hub Controller Max Current for Self-Powered Operation Register
(HCMCS)
01h
00h
0Fh
R/W
Hub Controller Max Power for Bus-Powered Operation Register
(HCMCB)
32h
00h
10h
R/W
Power-On Time Register (PWRT)
32h
00h
11h
R/W
Language ID High Register (LANGIDH)
00h
00h
12h
R/W
Language ID Low Register (LANGIDL)
00h
00h
13h
R/W
Manufacturer String Length Register (MFRSL)
00h
00h
14h
R/W
Product String Length Register (PRDSL)
00h
00h
15h
R/W
Serial String Length Register (SERSL)
00h
00h
16h-53h
R/W
Manufacturer String Registers (MANSTR)
00h
00h
54h-91h
R/W
Product String Registers (PRDSTR)
00h
00h
92h-CFh
R/W
Serial String Registers (SERSTR)
00h
00h
D0h
R/W
Battery Charging Enable Register (BC_EN)
00h
00h
E0h-F5h
-
RESERVED
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com