Electronic Components Datasheet Search
  English  ▼

X  

USB2422 Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB2422 Datasheet HTML 22Page - SMSC Corporation USB2422 Datasheet HTML 23Page - SMSC Corporation USB2422 Datasheet HTML 24Page - SMSC Corporation USB2422 Datasheet HTML 25Page - SMSC Corporation USB2422 Datasheet HTML 26Page - SMSC Corporation USB2422 Datasheet HTML 27Page - SMSC Corporation USB2422 Datasheet HTML 28Page - SMSC Corporation USB2422 Datasheet HTML 29Page - SMSC Corporation USB2422 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
26
SMSC USB2422
DATASHEET
4.4.3
Product ID Least Significant Bit Register (PIDL)
4.4.4
Product ID Most Significant Bit Register (PIDM)
4.4.5
Device ID Least Significant Bit Register (DIDL)
4.4.6
Device ID Most Significant Bit Register (DIDM)
Address:
02h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Least Significant Byte of the Product ID (PID_LSB)
This is a 16-bit value that the Vendor can assign that uniquely identifies this
particular product (assigned by OEM). This field is set by the OEM using the
SMBus interface options.
R/W
00h
Address:
03h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Most Significant Byte of the Product ID (PID_LSB)
This is a 16-bit value that the Vendor can assign that uniquely identifies this
particular product (assigned by OEM). This field is set by the OEM using
either SMBus interface options.
R/W
00h
Address:
04h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Least Significant Byte of the Device ID (DID_LSB)
This is a 16-bit device release number in BCD format (assigned by OEM).
This field is set by the OEM using either the SMBus interface options.
R/W
00h
Address:
05h
Size:
8 bits
BITS
DESCRIPTION
TYPE
DEFAULT
7:0
Most Significant Byte of the Device ID (DID_LSB)
This is a 16-bit device release number in BCD format (assigned by OEM).
This field is set by the OEM using the SMBus interface options.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com