Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 30Page - Texas Instruments AFE4490 Datasheet HTML 31Page - Texas Instruments AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments AFE4490 Datasheet HTML 34Page - Texas Instruments AFE4490 Datasheet HTML 35Page - Texas Instruments AFE4490 Datasheet HTML 36Page - Texas Instruments AFE4490 Datasheet HTML 37Page - Texas Instruments AFE4490 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
50 PA
0 mA to 50 mA
(See the LEDRANGE bits
in the LEDCNTRL register.)
LED_ON
1 PA
TX_CTRL_SUP_3.3V
LED_DRV_SUP_3.3V
Device
Tx LED
Bridge
LED
Current
Control
DAC
Tx Reference
and
Control
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
Transmitter Power Path
The block diagram in Figure 48 shows the AFE4400 Tx subsystem power routing.
Figure 48. Transmit Subsystem Power Routing
LED Power Reduction During Periods of Inactivity
The diagram in Figure 49 shows how LED bias current passes 50 µA whenever LED_ON occurs. In order to
minimize power consumption in periods of inactivity, the LED_ON control must be turned off. Furthermore, the
TIMEREN bit in the CONTROL1 register should be disabled by setting the value to '0'.
Note that depending on the LEDs used, the LED may sometimes appear dimly lit even when the LED current is
set to 0 mA. This appearance is because of the switching leakage currents (as shown in Figure 49) inherent to
the timer function. The dimmed appearance does not effect the ambient light level measurement because during
the ambient cycle, LED_ON is turned off for the duration of the ambient measurement.
Figure 49. LED Bias Current
34
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com