Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 12Page - Texas Instruments AFE4490 Datasheet HTML 13Page - Texas Instruments AFE4490 Datasheet HTML 14Page - Texas Instruments AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
±50
±40
±30
±20
±10
0
1
10
100
Input signal frequency, Hz
5% Duty cycle
25% Duty cycle
C033
0
20
40
60
80
100
0
10
20
30
40
50
60
70
Temperature, C
STG2=DIS, 5Hz BW (Note 2)
STG2=EN, 5Hz BW (Note 3)
STG2=DIS, 20Hz BW (Note 2)
STG2=EN, 20Hz BW (Note 3)
C031
PRF = 1200 Hz, Duty cycle = 10%
1) RF = 100K, Stage 2 & ambient cancellation disabled
2) RF = 500K, Stage 2 & ambient cancellation enabled with stage 2 gain = 4
10
15
0
10
20
30
40
50
60
70
Temperature, C
STG2=DIS, 5Hz BW (Note 2)
STG2=EN, 5Hz BW (Note 3)
STG2=DIS, 20Hz BW (Note 2)
STG2=EN, 20Hz BW (Note 3)
C032
PRF = 1200 Hz, Duty cycle = 10%
1) RF = 100K, Stage 2 & ambient cancellation disabled
2) RF = 500K, Stage 2 & ambient cancellation enabled with stage 2 gain = 4
0.00
20.00
40.00
60.00
80.00
100.00
0.50
0.75
1.00
TX_VREF, V
TX_CTRL_SUP
LED_DRV_SUP
C029
TX_CTRL_SUP = LED_DRV_SUP = 3V TO 3.6V
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0
10
20
30
40
50
60
70
Temperature, C
RX_ANA_SUP (STG2DIS)
RX_ANA_SUP (STG2EN)
RX_DIG_SUP
TX_CTRL_SUP
LED_DRV_SUP
C030
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RX_ANA_SUP = RX_DIG_SUP = 3.0 V, TX_CTRL_SUP = LED_DRV_SUP = 3.3 V, and fCLK = 8 MHz, unless
otherwise noted.
Figure 27. TRANSMITTER SUPPLIES vs TX_REF
Figure 28. POWER SUPPLIES vs TEMPERATURE
Figure 29. INPUT-REFERRED NOISE vs TEMPERATURE
Figure 30. NOISE-FREE BITS vs TEMPERATURE
Figure 31. FILTER RESPONSE vs DUTY CYCLE
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com