Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 3Page - Texas Instruments AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications are at TA = –20°C to +85°C. Typical specifications are at +25°C.
All specifications are at RX_ANA_SUP = RX_DIG_SUP = 3 V, TX_CTRL_SUP = LED_DRV_SUP = 3.3 V, and fCLK = 8 MHz,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER DISSIPATION
Normal operation (excluding LEDs)
2.84
mW
Quiescent power dissipation
Power-down
0.1
mW
LED_DRV_SUP current value.
LED_DRV_SUP
1
µA
Does not include LED current.
Power-down with the
TX_CTRL_SUP
1
µA
AFE_PDN pin
RX_ANA_SUP
5
µA
RX_DIG_SUP
0.1
µA
LED_DRV_SUP current value.
LED_DRV_SUP
1
µA
Does not include LED current.
Power-down with the
TX_CTRL_SUP
1
µA
PDNAFE register bit
RX_ANA_SUP
15
µA
RX_DIG_SUP
20
µA
LED_DRV_SUP current value.
LED_DRV_SUP
50
µA
Does not include LED current.
TX_CTRL_SUP
15
µA
Power-down Rx
RX_ANA_SUP
220
µA
RX_DIG_SUP
220
µA
LED_DRV_SUP current value.
LED_DRV_SUP
2
µA
Does not include LED current.
TX_CTRL_SUP
2
µA
Power-down Tx
RX_ANA_SUP
600
µA
RX_DIG_SUP
230
µA
LED_DRV_SUP current value.
LED_DRV_SUP
55
µA
Does not include LED current.
After reset, with 8-MHz
TX_CTRL_SUP
15
µA
clock running
RX_ANA_SUP
600
µA
RX_DIG_SUP
230
µA
LED_DRV_SUP current value.
LED_DRV_SUP
55
µA
Does not include LED current.
With stage 2 mode
TX_CTRL_SUP
15
µA
enabled and 8-MHz clock
running
RX_ANA_SUP
700
µA
RX_DIG_SUP
270
µA
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com