Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 25Page - Texas Instruments AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments AFE4490 Datasheet HTML 28Page - Texas Instruments AFE4490 Datasheet HTML 29Page - Texas Instruments AFE4490 Datasheet HTML 30Page - Texas Instruments AFE4490 Datasheet HTML 31Page - Texas Instruments AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
ADC Clock
ADC Convert
LED2 Data
ADC Output Rate
PRF Samples per Second
ADC
ADC
Ambient
(LED2) Data
LED1 Data
Ambient
(LED1) Data
Rx Digital
Averager
Register
30
Number of Averages
22-Bits
Register
42
LED2 Data
Register
43
LED2_Ambient Data
Register
44
LED1 Data
Register
45
LED1_Ambient Data
ADC Reset
ADC Reset
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
ADC OPERATION AND AVERAGING MODULE
The ADC reset signal must be positioned at 25% intervals of the pulse repetition period (that is, 0%, 25%, 50%,
and 75%). After the falling edge of the ADC reset signal, the ADC conversion phase starts (refer to Figure 42).
Each ADC conversion takes 50 µs.
The ADC operates with averaging. The averaging module averages multiple ADC samples and reduce noise to
improve dynamic range because the ADC conversion time is usually shorter than 25% of the pulse repetition
period. Figure 43 shows a diagram of the averaging module.
Figure 43. Averaging Module
Operation With Averaging
In this mode, the ADC digital samples are accumulated and averaged after every 50 µs. At the next rising edge
of the ADC reset signal, the average value (22-bit) is written into the output registers sequentially as follows (see
Figure 44):
•
At the 25% reset signal, the averaged 22-bit word is written to register 2Ah.
•
At the 50% reset signal, the averaged 22-bit word is written to register 2Bh.
•
At the 75% reset signal, the averaged 22-bit word is written to register 2Ch.
•
At the next 0% reset signal, the averaged 22-bit word is written to register 2Dh. The contents of registers 2Ah
and 2Bh are written to register 2Eh and the contents of registers 2Ch and 2Dh are written to register 2Fh.
At the rising edge of the ADC_RDY signal, the contents of all six result registers can be read out.
The number of samples to be used per conversion phase is preset to 3.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com