Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments AFE4490 Datasheet HTML 28Page - Texas Instruments AFE4490 Datasheet HTML 29Page - Texas Instruments AFE4490 Datasheet HTML 30Page - Texas Instruments AFE4490 Datasheet HTML 31Page - Texas Instruments AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments AFE4490 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
ADC Conversion
Pulse repetition period
T = 1/PRF
ADC Reset
ADC_RDY Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0%
25%
50%
75%
ADC Data
Average of
ADC data 1 to 3 are
written into
register 42.
Average of
ADC data 5 to 7
are written into
register 43.
Average of
ADC data 9 to 11 are
written into
register 44.
Average of
ADC data 13 to 15 are written
into register 45.
Register 42 and register 43
are written into register 46.
Register 44 and register 45
are written into register 47.
0%
17
18
19
20
0 T
1.0 T
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
NOTE: This example shows data 3 averages.
Figure 44. ADC Data with Averaging
30
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com