Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments AFE4490 Datasheet HTML 24Page - Texas Instruments AFE4490 Datasheet HTML 25Page - Texas Instruments AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments AFE4490 Datasheet HTML 28Page - Texas Instruments AFE4490 Datasheet HTML 29Page - Texas Instruments AFE4490 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
Using the Timer Module
The timer module registers can be used to program the start and end instants in units of 4-MHz clock cycles.
These timing instants and the corresponding registers are listed in Table 2.
Note that the device does not restrict the values in these registers; thus, the start and end edges can be
positioned anywhere within the pulse repetition period. Care must be taken by the user to program suitable
values in these registers to avoid overlapping the signals and to make sure none of the edges exceed the value
programmed in the PRP register. Writing the same value in the start and end registers results in a pulse duration
of one clock cycle. The following steps describe the timer sequencing configuration:
1. With respect to the start of the PRP period (indicated by timing instant t0 in Figure 41), the following
sequence of conversions must be followed in order: convert LED2
→ LED2 ambient → LED1 → LED1
ambient.
2. Also, starting from t0, the sequence of sampling instants must be staggered with respect to the respective
conversions as follows: sample LED2 ambient
→ LED1 → LED1 ambient → LED2.
3. Finally, align the edges for the two LED pulses with the respective sampling instants.
Table 2. Clock Edge Mapping to SPI Registers
TIME INSTANT
(See Figure 41 and
EXAMPLE
Figure 42)
DESCRIPTION
CORRESPONDING REGISTER ADDRESS AND REGISTER BITS
(Decimal)
t0
Start of pulse repetition period
No register control
—
t1
Start of sample LED2 pulse
LED2STC[15:0], register 01h
4800
t2
End of sample LED2 pulse
LED2ENDC[15:0], register 02h
6399
t3
Start of LED2 pulse
LED2LEDSTC[15:0], register 03h
4800
t4
End of LED2 pulse
LED2LEDENDC[15:0], register 04h
6399
t5
Start of sample LED2 ambient pulse
ALED2STC[15:0], register 05h
0
t6
End of sample LED2 ambient pulse
ALED2ENDC[15:0], register 06h
1599
t7
Start of sample LED1 pulse
LED1STC[15:0], register 07h
1600
t8
End of sample LED1 pulse
LED1ENDC[15:0], register 08h
3199
t9
Start of LED1 pulse
LED1LEDSTC[15:0], register 09h
1600
t10
End of LED1 pulse
LED1LEDENDC[15:0], register 0Ah
3199
t11
Start of sample LED1 ambient pulse
ALED1STC[15:0], register 0Bh
3200
t12
End of sample LED1 ambient pulse
ALED1ENDC[15:0], register 0Ch
4799
t13
Start of convert LED2 pulse
LED2CONVST[15:0], register 0Dh
2
LED2CONVEND[15:0], register 0Eh
t14
End of convert LED2 pulse
1599
Must start one AFE clock cycle after the ADC reset pulse ends.
ALED2CONVST[15:0], register 0Fh
t15
Start of convert LED2 ambient pulse
1602
Must start one AFE clock cycle after the ADC reset pulse ends.
t16
End of convert LED2 ambient pulse
ALED2CONVEND[15:0], register 10h
3199
LED1CONVST[15:0], register 11h
t17
Start of convert LED1 pulse
3202
Must start one AFE clock cycle after the ADC reset pulse ends.
t18
End of convert LED1 pulse
LED1CONVEND[15:0], register 12h
4799
ALED1CONVST[15:0], register 13h
t19
Start of convert LED1 ambient pulse
4802
Must start one AFE clock cycle after the ADC reset pulse ends.
t20
End of convert LED1 ambient pulse
ALED1CONVEND[15:0], register 14h
6399
t21
Start of first ADC conversion reset pulse
ADCRSTCNT0[15:0], register 15h
0
t22
End of first ADC conversion reset pulse
ADCRSTENDCT0[15:0], register 16h
0
t23
Start of second ADC conversion reset pulse
ADCRSTSTCT1[15:0], register 17h
1600
t24
End of second ADC conversion reset pulse
ADCRSTENDCT1[15:0], register 18h
1600
t25
Start of third ADC conversion reset pulse
ADCRSTSTCT2[15:0], register 19h
3200
t26
End of third ADC conversion reset pulse
ADCRSTENDCT2[15:0], register 1Ah
3200
t27
Start of fourth ADC conversion reset pulse
ADCRSTSTCT3[15:0], register 1Bh
4800
t28
End of fourth ADC conversion reset pulse
ADCRSTENDCT3[15:0], register 1Ch
4800
t29
End of pulse repetition period
PRPCOUNT[15:0], register 1Dh
6399
26
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com