Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 1 Page - Texas Instruments

  AFE4490 Datasheet HTML 1Page - Texas Instruments AFE4490 Datasheet HTML 2Page - Texas Instruments AFE4490 Datasheet HTML 3Page - Texas Instruments AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Timing
Controller
Diagnostic
LED
Driver
LED
Current
Control
DAC
Tx
AFE
LED
Photodiode
PD Open or Short
Cable Off
LED Open or Short
RX
Supply
(2.2 V to 3.6 V)
AFE4400
SPI Interface
RED
Amb (RED)
IR
Amb (IR)
AFE
SPI
Tx Driver
Supply
OSC
32 kHz
TIA
û ADC
5-V Supply
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
Integrated Analog Front-End for
Heart Rate Monitors and Low-Cost Pulse Oximeters
Check for Samples: AFE4400
1
FEATURES
APPLICATIONS
23
•
Fully-Integrated Analog Front-End for
•
Low-Cost Medical Pulse Oximeter Applications
Pulse Oximeter Applications:
•
Optical HRM
–
Flexible Pulse Sequencing and
•
Industrial Photometry Applications
Timing Control
•
Transmit:
DESCRIPTION
The AFE4400 is a fully-integrated analog front-end
–
Integrated LED Driver
(AFE) that is ideally suited for pulse oximeter
(H-Bridge or Push/Pull)
applications. The device consists of a low-noise
–
95-dB Dynamic Range
receiver channel with an integrated analog-to-digital
–
LED Current:
converter (ADC), an LED transmit section, and
diagnostics for sensor and LED fault detection. The
–
Programmable to 50 mA with 8-Bit
AFE4400 is a very configurable timing controller. This
Current Resolution
flexibility enables the user to have complete control of
–
Low Power:
the device timing characteristics. To ease clocking
–
100 µA + Average LED Current
requirements and provide a low-jitter clock to the
AFE4400,
an
oscillator
is
also
integrated
that
–
Programmable LED On-Time
functions from an external crystal. The device
–
Independent LED2 and LED1 Current
communicates to an external microcontroller or host
Reference
processor using an SPI™ interface.
•
Receive Channel with High Dynamic Range:
The AFE4400 is a complete AFE solution packaged
–
13 Noise-Free Bits (0.1 Hz to 5 Hz)
in a single, compact QFN-40 package (6 mm ×
–
Low Power: < 670 µA at 3.3-V Supply
6
mm)
and
is
specified
over
the
operating
temperature range of 0°C to +70°C.
–
Flexible Receive Sample Time
–
Flexible Transimpedance Amplifier with
Programmable LED Settings
–
Integrated Digital Ambient Estimation and
Subtraction
•
Integrated Fault Diagnostics:
–
Photodiode and LED Open and
Short Detection
–
Cable On/Off Detection
•
Supplies:
–
Rx = 2.0 V to 3.6 V
–
Tx = 3.0 V to 3.6 V
•
Package: Compact QFN-40 (6 mm × 6 mm)
•
Specified Temperature Range: 0°C to +70°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE4490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI1-AFE4490 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI2-AFE4490 Datasheet
847Kb / 85P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
REVISED DECEMBER 2016
AFE4490RHAR TI-AFE4490RHAR Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
AFE4490RHAT TI-AFE4490RHAT Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
More results

Similar Description - AFE4490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
logo
Analog Devices
AD8232 AD-AD8232 Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
AD8232ACPZ AD-AD8232ACPZ Datasheet
652Kb / 28P
Single-Lead, Heart Rate Monitor Front End
REV. A
logo
Texas Instruments
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
Fitness and activity heart rate monitors
Rev. 0
AD8232 AD-AD8232_17 Datasheet
755Kb / 29P
Single-Lead, Heart Rate Monitor Front End
02-Jun-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com