Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 4 Page - Texas Instruments

  AFE4490 Datasheet HTML 1Page - Texas Instruments AFE4490 Datasheet HTML 2Page - Texas Instruments AFE4490 Datasheet HTML 3Page - Texas Instruments AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
AFE4400
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Minimum and maximum specifications are at TA = –20°C to +85°C. Typical specifications are at +25°C.
All specifications are at RX_ANA_SUP = RX_DIG_SUP = 3 V, TX_CTRL_SUP = LED_DRV_SUP = 3.3 V, and fCLK = 8 MHz,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PERFORMANCE (Full-Signal Chain)
RF = 10 kΩ
50
µA
RF = 25 kΩ
20
µA
RF = 50 kΩ
10
µA
IIN_FS
Full-scale input current
RF = 100 kΩ
5
µA
RF = 250 kΩ
2
µA
RF = 500 kΩ
1
µA
RF = 1 MΩ
0.5
µA
PRF
Pulse repetition frequency
61
5000
SPS
DCPRF
PRF duty cycle
25%
RF = 10 kΩ
50
µA
IIN_FS
Full-scale input current
RF = 1 MΩ
0.5
µA
fCM = 50 Hz and 60 Hz, LED1 and LED2 with
80
dB
RSERIES = 1 MΩ, RF = 500 kΩ
CMRR
Common-mode rejection ratio
fCM = 50 Hz and 60 Hz, LED1-AMB and
LED2-AMB with RSERIES = 1 MΩ,
100
dB
RF = 500 kΩ
fPS = 50 Hz, 60 Hz at PRF = 200 Hz
100
dB
PSRR
Power-supply rejection ratio
fPS = 50 Hz, 60 Hz at PRF = 600 Hz
106
dB
PSRRLED
PSRR, transmit LED driver
With respect to ripple on LED_DRV_SUP
75
dB
PSRRTx
PSRR, transmit control
With respect to ripple on TX_CTRL_SUP
60
dB
With respect to ripple on RX_ANA_SUP and
PSRRRx
PSRR, receiver
60
dB
RX_DIG_SUP
Total integrated noise current, input-referred
RF = 100 kΩ, PRF = 625 Hz, duty cycle = 5%
36
pARMS
(receiver with transmitter loop back,
RF = 500 kΩ, PRF = 625 Hz, duty cycle = 5%
13
pARMS
0.1-Hz to 5-Hz bandwidth)
RF = 100 kΩ, PRF = 625 Hz, duty cycle = 5%
14.3
Bits
Noise-free bits (receiver with transmitter loop
NFB
back, 0.1-Hz to 5-Hz bandwidth)
RF = 500 kΩ, PRF = 625 Hz, duty cycle = 5%
13.5
Bits
RECEIVER FUNCTIONAL BLOCK LEVEL SPECIFICATION
RF = 500 kΩ, ambient cancellation enabled,
stage 2 gain = 4, PRF = 1300 Hz,
1.4
pARMS
LED duty cycle = 25%
Total integrated noise current, input referred
(receiver alone) over 0.1-Hz to 5-Hz bandwidth
RF = 500 kΩ, ambient cancellation enabled,
stage 2 gain = 4, PRF = 1300 Hz,
5
pARMS
LED duty cycle = 5%
I-V TRANSIMPEDANCE AMPLIFIER
See the Receiver Channel section
G
Gain
RF = 10 kΩ to 1 MΩ
V/µA
for details
Gain accuracy
±7%
10k, 25k, 50k, 100k, 250k,
Feedback resistance
RF
Ω
500k, and 1M
Feedback resistor tolerance
RF
±20%
Feedback capacitance
CF
5, 10, 25, 50, 100, and 250
pF
Feedback capacitor tolerance
CF
±20%
Full-scale differential output voltage
1
V
Common-mode voltage on input pins
Set internally
0.9
V
Includes equivalent capacitance of
External differential input capacitance
10
1000
pF
photodiode, cables, EMI filter, and so forth
With a 1-k
Ω series resistor and a 10-nF
Shield output voltage, VCM
0.9
V
decoupling capacitor to ground
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com