Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments AFE4490 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
A7
A6
A1
A0
SPI STE
SPI SIMO
SCLK
tSTECLK
tSIMOSU
tSIMOHD
31
0
D23
D22
D1
D0
23
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
PARAMETRIC MEASUREMENT INFORMATION (continued)
Figure 2. Serial Interface Timing Diagram, Write Operation
Table 1. Timing Requirements for Figure 1 and Figure 2
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
Clock frequency on XIN pin
8
MHz
tSCLK
Serial shift clock period
62.5
ns
tSTECLK
STE low to SCLK rising edge, setup time
10
ns
tCLKSTEH,L
SCLK transition to SPI STE high or low
10
ns
tSIMOSU
SIMO data to SCLK rising edge, setup time
10
ns
tSIMOHD
Valid SIMO data after SCLK rising edge, hold time
10
ns
tSOMIPD
SCLK falling edge to valid SOMI, setup time
17
ns
tSOMIHD
SCLK rising edge to invalid data, hold time
0.5
tSCLK
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com