Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 55Page - Texas Instruments AFE4490 Datasheet HTML 56Page - Texas Instruments AFE4490 Datasheet HTML 57Page - Texas Instruments AFE4490 Datasheet HTML 58Page - Texas Instruments AFE4490 Datasheet HTML 59Page - Texas Instruments AFE4490 Datasheet HTML 60Page - Texas Instruments AFE4490 Datasheet HTML 61Page - Texas Instruments AFE4490 Datasheet HTML 62Page - Texas Instruments AFE4490 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
AFE4400
www.ti.com
SBAS601D – DECEMBER 2012 – REVISED MAY 2013
ALARM: Alarm Register (Address = 29h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
0
0
0
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALMPIN
0
0
0
0
0
0
0
0
0
0
0
CLKEN
This register controls the Alarm pin functionality.
Bits D[23:8]
Must be '0'
Bit D7
ALMPINCLKEN: Alarm pin clock enable
0 = Disables the monitoring of internal clocks; the PD_ALM and LED_ALM pins function as
diagnostic fault alarm output pins (default after reset)
1 = Enables the monitoring of internal clocks; these clocks can be brought out on PD_ALM
and LED_ALM selectively (depending on the value of the CLKALMPIN[2:0] register bits).
Bits D[6:0]
Must be '0'
LED2VAL: LED2 Digital Sample Value Register (Address = 2Ah, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
LED2VAL[23:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED2VAL[23:0]
Bits D[23:0]
LED2VAL[23:0]: LED2 digital value
This register contains the digital value of the latest LED2 sample converted by the ADC. The
ADC_RDY signal goes high each time that the contents of this register are updated. The
host processor must readout this register before the next sample is converted by the AFE.
ALED2VAL: Ambient LED2 Digital Sample Value Register (Address = 2Bh, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
ALED2VAL[23:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALED2VAL[23:0]
Bits D[23:0]
ALED2VAL[23:0]: LED2 ambient digital value
This register contains the digital value of the latest LED2 ambient sample converted by the
ADC. The ADC_RDY signal goes high each time that the contents of this register are
updated. The host processor must readout this register before the next sample is converted
by the AFE.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: AFE4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com