Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 188 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 188 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 184Page - Altera Corporation EP3SL70 Datasheet HTML 185Page - Altera Corporation EP3SL70 Datasheet HTML 186Page - Altera Corporation EP3SL70 Datasheet HTML 187Page - Altera Corporation EP3SL70 Datasheet HTML 188Page - Altera Corporation EP3SL70 Datasheet HTML 189Page - Altera Corporation EP3SL70 Datasheet HTML 190Page - Altera Corporation EP3SL70 Datasheet HTML 191Page - Altera Corporation EP3SL70 Datasheet HTML 192Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 341 page
background image
1–178
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5 V
GCLK
t
su
-1.241
-1.332
-1.956
-1.963 -2.136 -2.070 -2.514 -1.972 -2.143 -2.088 -2.556
ns
t
h
1.367
1.471
2.169
2.184
2.379
2.301
2.749
2.203
2.396
2.328
2.794
ns
GCLK
PLL
t
su
0.837
0.921
1.648
1.666
1.925
1.810
1.633
1.651
1.951
1.827
1.684
ns
t
h
-0.572
-0.635
-1.194
-1.196 -1.398 -1.314 -1.128 -1.171 -1.412 -1.320 -1.172
ns
1.2 V
GCLK
t
su
-1.181
-1.279
-1.877
-1.862 -1.977 -1.911 -2.355 -1.876 -1.988 -1.933 -2.401
ns
t
h
1.307
1.418
2.090
2.083
2.220
2.142
2.590
2.107
2.241
2.173
2.639
ns
GCLK
PLL
t
su
0.897
0.974
1.727
1.767
2.084
1.969
1.792
1.747
2.106
1.982
1.839
ns
t
h
-0.632
-0.688
-1.273
-1.297 -1.557 -1.473 -1.287 -1.267 -1.567 -1.475 -1.327
ns
SSTL-2
CLASS I
GCLK
t
su
-1.176
-1.242
-1.845
-1.861 -1.997 -1.933 -2.385 -1.869 -2.002 -1.940 -2.320
ns
t
h
1.300
1.382
2.057
2.082
2.240
2.164
2.620
2.101
2.254
2.180
2.561
ns
GCLK
PLL
t
su
0.942
1.000
1.750
1.782
1.988
1.882
1.891
1.793
2.009
1.897
1.948
ns
t
h
-0.677
-0.714
-1.296
-1.312 -1.465 -1.390 -1.380 -1.312 -1.475 -1.395 -1.433
ns
SSTL-2
CLASS II
GCLK
t
su
-1.176
-1.242
-1.845
-1.861 -1.997 -1.933 -2.385 -1.869 -2.002 -1.940 -2.320
ns
t
h
1.300
1.382
2.057
2.082
2.240
2.164
2.620
2.101
2.254
2.180
2.561
ns
GCLK
PLL
t
su
0.942
1.000
1.750
1.782
1.988
1.882
1.891
1.793
2.009
1.897
1.948
ns
t
h
-0.677
-0.714
-1.296
-1.312 -1.465 -1.390 -1.380 -1.312 -1.475 -1.395 -1.433
ns
SSTL-18
CLASS I
GCLK
t
su
-1.155
-1.244
-1.839
-1.835 -1.972 -1.905 -2.351 -1.844 -1.981 -1.925 -2.394
ns
t
h
1.281
1.383
2.052
2.054
2.213
2.135
2.582
2.073
2.231
2.164
2.628
ns
GCLK
PLL
t
su
0.923
1.009
1.765
1.794
2.086
1.972
1.796
1.779
2.110
1.988
1.846
ns
t
h
-0.658
-0.723
-1.311
-1.326 -1.562 -1.478 -1.295 -1.301 -1.574 -1.482 -1.338
ns
SSTL-18
CLASS II
GCLK
t
su
-1.155
-1.244
-1.839
-1.835 -1.972 -1.905 -2.351 -1.844 -1.981 -1.925 -2.394
ns
t
h
1.281
1.383
2.052
2.054
2.213
2.135
2.582
2.073
2.231
2.164
2.628
ns
GCLK
PLL
t
su
0.923
1.009
1.765
1.794
2.086
1.972
1.796
1.779
2.110
1.988
1.846
ns
t
h
-0.658
-0.723
-1.311
-1.326 -1.562 -1.478 -1.295 -1.301 -1.574 -1.482 -1.338
ns
SSTL-15
CLASS I
GCLK
t
su
-1.141
-1.232
-1.824
-1.825 -1.954 -1.887 -2.333 -1.833 -1.964 -1.908 -2.377
ns
t
h
1.267
1.371
2.038
2.044
2.195
2.117
2.564
2.062
2.214
2.147
2.611
ns
GCLK
PLL
t
su
0.937
1.021
1.778
1.804
2.104
1.990
1.814
1.790
2.127
2.005
1.863
ns
t
h
-0.672
-0.735
-1.323
-1.336 -1.580 -1.496 -1.313 -1.312 -1.591 -1.499 -1.355
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-1.155
-1.244
-1.839
-1.835 -1.972 -1.905 -2.351 -1.844 -1.981 -1.925 -2.394
ns
t
h
1.281
1.383
2.052
2.054
2.213
2.135
2.582
2.073
2.231
2.164
2.628
ns
GCLK
PLL
t
su
0.923
1.009
1.765
1.794
2.086
1.972
1.796
1.779
2.110
1.988
1.846
ns
t
h
-0.658
-0.723
-1.311
-1.326 -1.562 -1.478 -1.295 -1.301 -1.574 -1.482 -1.338
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-1.155
-1.244
-1.839
-1.835 -1.972 -1.905 -2.351 -1.844 -1.981 -1.925 -2.394
ns
t
h
1.281
1.383
2.052
2.054
2.213
2.135
2.582
2.073
2.231
2.164
2.628
ns
GCLK
PLL
t
su
0.923
1.009
1.765
1.794
2.086
1.972
1.796
1.779
2.110
1.988
1.846
ns
t
h
-0.658
-0.723
-1.311
-1.326 -1.562 -1.478 -1.295 -1.301 -1.574 -1.482 -1.338
ns
Table 1–92. EP3SL340 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com