Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 196 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 196 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 192Page - Altera Corporation EP3SL70 Datasheet HTML 193Page - Altera Corporation EP3SL70 Datasheet HTML 194Page - Altera Corporation EP3SL70 Datasheet HTML 195Page - Altera Corporation EP3SL70 Datasheet HTML 196Page - Altera Corporation EP3SL70 Datasheet HTML 197Page - Altera Corporation EP3SL70 Datasheet HTML 198Page - Altera Corporation EP3SL70 Datasheet HTML 199Page - Altera Corporation EP3SL70 Datasheet HTML 200Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 341 page
background image
1–186
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.2-V
HSTL
CLASS I
4mA
GCLK
tco
3.552
3.552
5.246
5.442
5.974
5.826
6.255
5.442 5.974 5.826 6.255
ns
GCLK
PLL
t
co
4.117
4.117
6.087
6.291
6.929
6.749
7.292
6.291 6.929 6.749 7.292
ns
6mA
GCLK
tco
3.544
3.544
5.237
5.433
5.965
5.817
6.246
5.433 5.965 5.817 6.246
ns
GCLK
PLL
t
co
4.108
4.108
6.078
6.282
6.917
6.737
7.280
6.282 6.917 6.737 7.280
ns
8mA
GCLK
t
co
3.545
3.545
5.244
5.442
5.974
5.826
6.255
5.442 5.974 5.826 6.255
ns
GCLK
PLL
t
co
4.108
4.108
6.085
6.290
6.920
6.740
7.283
6.290 6.920 6.740 7.283
ns
10mA
GCLK
t
co
3.534
3.534
5.231
5.428
5.960
5.812
6.241
5.428 5.960 5.812 6.241
ns
GCLK
PLL
t
co
4.098
4.098
6.072
6.276
6.915
6.736
7.277
6.276 6.915 6.736 7.277
ns
12mA
GCLK
t
co
3.534
3.534
5.231
5.428
5.961
5.813
6.242
5.428 5.961 5.813 6.242
ns
GCLK
PLL
t
co
4.098
4.098
6.073
6.277
6.906
6.727
7.269
6.277 6.906 6.727 7.269
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
t
co
3.555
3.555
5.247
5.443
5.974
5.826
6.255
5.443 5.974 5.826 6.255
ns
GCLK
PLL
tco
4.119
4.119
6.089
6.292
6.943
6.763
7.306
6.292 6.943 6.763 7.306
ns
3.0-V PCI
—
GCLK
t
co
3.658
3.658
5.292
5.477
5.999
5.851
6.280
5.477 5.999 5.851 6.280
ns
GCLK
PLL
tco
4.222
4.222
6.134
6.328
6.974
6.794
7.337
6.328 6.974 6.794 7.337
ns
3.0-V
PCI-X
—
GCLK
t
co
3.658
3.658
5.292
5.477
5.999
5.851
6.280
5.477 5.999 5.851 6.280
ns
GCLK
PLL
t
co
4.222
4.222
6.134
6.328
6.974
6.794
7.337
6.328 6.974 6.794 7.337
ns
Table 1–93. EP3SL340 Column Pins Output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com