Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 197 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 197 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 193Page - Altera Corporation EP3SL70 Datasheet HTML 194Page - Altera Corporation EP3SL70 Datasheet HTML 195Page - Altera Corporation EP3SL70 Datasheet HTML 196Page - Altera Corporation EP3SL70 Datasheet HTML 197Page - Altera Corporation EP3SL70 Datasheet HTML 198Page - Altera Corporation EP3SL70 Datasheet HTML 199Page - Altera Corporation EP3SL70 Datasheet HTML 200Page - Altera Corporation EP3SL70 Datasheet HTML 201Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–187
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–94 lists the EP3SL340 row pins output timing parameters for single-ended
I/O standards.
Table 1–94. EP3SL340 Row Pins Output Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.479
3.781
5.469
5.657 6.238 6.095 6.481 5.741 6.370 6.120 6.565
ns
GCLK
PLL
t
co
1.562
1.782
2.243
2.285 2.559 2.570 2.578 2.386 2.666 2.671 2.594
ns
8mA
GCLK
t
co
3.413
3.681
5.339
5.519 6.093 5.950 6.336 5.628 6.221 6.005 6.416
ns
GCLK
PLL
t
co
1.496
1.677
2.113
2.174 2.414 2.425 2.433 2.273 2.517 2.522 2.445
ns
12mA
GCLK
t
co
3.334
3.592
5.220
5.398 5.965 5.822 6.208 5.529 6.089 5.905 6.284
ns
GCLK
PLL
tco
1.417
1.575
1.994
2.074 2.286 2.297 2.305 2.174 2.385 2.390 2.313
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.481
3.785
5.477
5.662 6.242 6.099 6.485 5.749 6.374 6.132 6.569
ns
GCLK
PLL
t
co
1.564
1.786
2.251
2.291 2.563 2.574 2.582 2.394 2.670 2.675 2.598
ns
8mA
GCLK
t
co
3.338
3.596
5.226
5.413 5.971 5.828 6.214 5.541 6.096 5.914 6.291
ns
GCLK
PLL
t
co
1.421
1.579
2.000
2.089 2.292 2.303 2.311 2.186 2.392 2.397 2.320
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.440
3.727
5.421
5.610 6.194 6.051 6.437 5.709 6.328 6.086 6.523
ns
GCLK
PLL
t
co
1.523
1.728
2.195
2.254 2.515 2.526 2.534 2.354 2.624 2.629 2.552
ns
8mA
GCLK
t
co
3.339
3.601
5.269
5.451 6.030 5.887 6.273 5.567 6.164 5.940 6.358
ns
GCLK
PLL
tco
1.422
1.601
2.043
2.112 2.351 2.362 2.370 2.212 2.460 2.464 2.387
ns
12mA
GCLK
t
co
3.302
3.563
5.188
5.371 5.942 5.799 6.185 5.499 6.071 5.867 6.265
ns
GCLK
PLL
t
co
1.385
1.550
1.961
2.047 2.263 2.274 2.282 2.144 2.367 2.371 2.294
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.361
3.646
5.316
5.503 6.084 5.941 6.327 5.600 6.217 5.976 6.411
ns
GCLK
PLL
t
co
1.444
1.647
2.090
2.147 2.405 2.416 2.424 2.245 2.513 2.517 2.440
ns
8mA
GCLK
t
co
3.289
3.547
5.161
5.342 5.903 5.760 6.146 5.469 6.031 5.838 6.225
ns
GCLK
PLL
t
co
1.372
1.530
1.926
2.018 2.224 2.235 2.243 2.114 2.327 2.331 2.254
ns
2.5 V
4mA
GCLK
t
co
3.466
3.763
5.554
5.764 6.366 6.223 6.609 5.841 6.507 6.238 6.701
ns
GCLK
PLL
tco
1.549
1.764
2.328
2.380 2.687 2.698 2.706 2.486 2.803 2.807 2.730
ns
8mA
GCLK
t
co
3.381
3.665
5.399
5.601 6.196 6.053 6.439 5.704 6.333 6.093 6.527
ns
GCLK
PLL
t
co
1.464
1.666
2.173
2.245 2.517 2.528 2.536 2.349 2.629 2.633 2.556
ns
12mA
GCLK
t
co
3.324
3.603
5.288
5.483 6.070 5.927 6.313 5.615 6.203 5.999 6.397
ns
GCLK
PLL
t
co
1.407
1.589
2.062
2.159 2.391 2.402 2.410 2.260 2.499 2.503 2.426
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com