Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 200 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 200 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 196Page - Altera Corporation EP3SL70 Datasheet HTML 197Page - Altera Corporation EP3SL70 Datasheet HTML 198Page - Altera Corporation EP3SL70 Datasheet HTML 199Page - Altera Corporation EP3SL70 Datasheet HTML 200Page - Altera Corporation EP3SL70 Datasheet HTML 201Page - Altera Corporation EP3SL70 Datasheet HTML 202Page - Altera Corporation EP3SL70 Datasheet HTML 203Page - Altera Corporation EP3SL70 Datasheet HTML 204Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 341 page
background image
1–190
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.363
3.583
5.262
5.470 6.016 5.875 6.259 5.622 6.143 6.002 6.338
ns
GCLK
PLL
t
co
1.406
1.566
2.019
2.134 2.337 2.348 2.367 2.231 2.439 2.444 2.355
ns
6mA
GCLK
t
co
3.356
3.577
5.260
5.469 6.008 5.874 6.251 5.621 6.136 6.002 6.331
ns
GCLK
PLL
tco
1.399
1.560
2.017
2.133 2.329 2.340 2.359 2.230 2.432 2.437 2.348
ns
8mA
GCLK
t
co
3.347
3.569
5.253
5.462 6.000 5.867 6.243 5.614 6.128 5.995 6.323
ns
GCLK
PLL
t
co
1.390
1.552
2.010
2.126 2.321 2.332 2.351 2.223 2.424 2.429 2.340
ns
10mA
GCLK
t
co
3.350
3.571
5.256
5.465 6.003 5.871 6.246 5.617 6.131 5.998 6.326
ns
GCLK
PLL
t
co
1.393
1.554
2.013
2.129 2.324 2.335 2.354 2.226 2.427 2.432 2.343
ns
12mA
GCLK
tco
3.346
3.568
5.258
5.468 6.003 5.874 6.246 5.620 6.132 6.003 6.327
ns
GCLK
PLL
t
co
1.389
1.551
2.015
2.132 2.324 2.335 2.354 2.229 2.428 2.433 2.344
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.354
3.576
5.256
5.465 5.994 5.870 6.237 5.616 6.121 5.997 6.316
ns
GCLK
PLL
t
co
1.397
1.559
2.013
2.129 2.315 2.326 2.345 2.225 2.417 2.422 2.333
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.369
3.589
5.271
5.480 6.031 5.888 6.274 5.631 6.157 6.013 6.352
ns
GCLK
PLL
t
co
1.412
1.572
2.028
2.144 2.352 2.363 2.382 2.240 2.453 2.458 2.369
ns
6mA
GCLK
t
co
3.363
3.584
5.272
5.482 6.027 5.888 6.270 5.633 6.154 6.016 6.349
ns
GCLK
PLL
t
co
1.406
1.567
2.029
2.146 2.348 2.359 2.378 2.242 2.450 2.455 2.366
ns
8mA
GCLK
tco
3.359
3.580
5.267
5.477 6.021 5.883 6.264 5.628 6.148 6.010 6.343
ns
GCLK
PLL
t
co
1.402
1.563
2.024
2.141 2.342 2.353 2.372 2.237 2.444 2.449 2.360
ns
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.371
3.591
5.284
5.496 6.049 5.906 6.292 5.647 6.174 6.032 6.369
ns
GCLK
PLL
t
co
1.414
1.574
2.041
2.160 2.370 2.381 2.400 2.256 2.470 2.475 2.386
ns
6mA
GCLK
t
co
3.362
3.583
5.275
5.487 6.037 5.896 6.280 5.638 6.163 6.023 6.358
ns
GCLK
PLL
t
co
1.405
1.566
2.032
2.151 2.358 2.369 2.388 2.247 2.459 2.464 2.375
ns
8mA
GCLK
t
co
3.361
3.583
5.282
5.495 6.043 5.905 6.286 5.647 6.170 6.033 6.365
ns
GCLK
PLL
t
co
1.404
1.566
2.039
2.159 2.364 2.375 2.394 2.256 2.466 2.471 2.382
ns
3.0-V PCI
—
GCLK
tco
3.434
3.697
5.330
5.520 6.047 5.904 6.299 5.650 6.177 6.027 6.372
ns
GCLK
PLL
t
co
1.517
1.680
2.087
2.196 2.378 2.386 2.387 2.295 2.482 2.493 2.401
ns
3.0-V
PCI-X
—
GCLK
t
co
3.434
3.697
5.330
5.520 6.047 5.904 6.299 5.650 6.177 6.027 6.372
ns
GCLK
PLL
t
co
1.517
1.680
2.087
2.196 2.378 2.386 2.387 2.295 2.482 2.493 2.401
ns
Table 1–94. EP3SL340 Row Pins Output Timing Parameters (Part 4 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com