Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 216 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 216 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 212Page - Altera Corporation EP3SL70 Datasheet HTML 213Page - Altera Corporation EP3SL70 Datasheet HTML 214Page - Altera Corporation EP3SL70 Datasheet HTML 215Page - Altera Corporation EP3SL70 Datasheet HTML 216Page - Altera Corporation EP3SL70 Datasheet HTML 217Page - Altera Corporation EP3SL70 Datasheet HTML 218Page - Altera Corporation EP3SL70 Datasheet HTML 219Page - Altera Corporation EP3SL70 Datasheet HTML 220Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 341 page
background image
1–206
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5 V
GCLK
t
su
0.900
0.897
1.355
1.463
1.580
1.515
1.788
1.487
1.597
1.534
1.828
ns
t
h
0.976
1.024
-1.169 -1.255 -1.346 -1.296 -1.570 -1.268
-1.353
-1.306
-1.609
ns
GCLK
PLL
t
su
-0.799
-0.843
1.677
1.911
2.133
2.015
2.045
1.913
2.138
2.020
2.097
ns
t
h
0.960
0.950
1.414
1.545
1.686
1.617
1.909
1.563
1.701
1.634
1.942
ns
1.2 V
GCLK
t
su
0.916
0.971
-1.131 -1.230 -1.344 -1.293 -1.568 -1.239
-1.349
-1.300
-1.604
ns
t
h
-0.833
-0.872
1.651
-1.230 -1.344 -1.293 -1.568 -1.239
-1.349
-1.300
-1.604
ns
GCLK
PLL
t
su
1.015
1.014
1.317
1.436
1.575
1.510
1.782
1.455
1.590
1.527
1.819
ns
t
h
0.947
0.999
-1.131
1.890
2.108
1.991
2.019
1.888
2.108
1.990
2.067
ns
SSTL-2
CLASS I
GCLK
t
su
-0.833
-0.872
1.651
1.890
2.108
1.991
2.019
1.888
2.108
1.990
2.067
ns
t
h
1.015
1.014
1.317
-1.442 -1.607 -1.521 -1.544 -1.432
-1.599
-1.511
-1.589
ns
GCLK
PLL
t
su
0.947
0.999
-1.131 -1.230 -1.344 -1.293 -1.568 -1.239
-1.349
-1.300
-1.604
ns
t
h
-0.773
-0.808
1.651
1.436
1.575
1.510
1.782
1.455
1.590
1.527
1.819
ns
SSTL-2
CLASS II
GCLK
t
su
0.986
0.985
1.317
1.890
2.108
1.991
2.019
1.888
2.108
1.990
2.067
ns
t
h
0.890
0.936
-1.131 -1.442 -1.607 -1.521 -1.544 -1.432
-1.599
-1.511
-1.589
ns
GCLK
PLL
t
su
-0.773
-0.808
-1.267 -1.220 -1.326 -1.275 -1.550 -1.228
-1.332
-1.283
-1.587
ns
t
h
0.986
0.985
-1.118
1.426
1.557
1.492
1.764
1.444
1.573
1.510
1.802
ns
SSTL-18
CLASS I
GCLK
t
su
0.890
0.936
1.305
1.900
2.126
2.009
2.037
1.899
2.125
2.007
2.084
ns
t
h
-0.759
-0.796
1.651
1.900
2.126
2.009
2.037
1.899
2.125
2.007
2.084
ns
GCLK
PLL
t
su
1.000
0.997
1.317
-1.452 -1.625 -1.539 -1.562 -1.443
-1.616
-1.528
-1.606
ns
t
h
0.876
0.924
-1.131 -1.220 -1.326 -1.275 -1.550 -1.228
-1.332
-1.283
-1.587
ns
SSTL-18
CLASS II
GCLK
t
su
-0.773
-0.808
1.651
-1.442 -1.607 -1.521 -1.544 -1.432
-1.599
-1.511
-1.589
ns
t
h
0.986
0.985
1.317
-1.230 -1.344 -1.293 -1.568 -1.239
-1.349
-1.300
-1.604
ns
GCLK
PLL
t
su
0.890
0.936
-1.131
1.436
1.575
1.510
1.782
1.455
1.590
1.527
1.819
ns
t
h
-0.773
-0.808
-1.267
1.890
2.108
1.991
2.019
1.888
2.108
1.990
2.067
ns
SSTL-15
CLASS I
GCLK
t
su
0.986
0.985
-1.118 -1.442 -1.607 -1.521 -1.544 -1.432
-1.599
-1.511
-1.589
ns
t
h
0.890
0.936
1.305
-1.230 -1.344 -1.293 -1.568 -1.239
-1.349
-1.300
-1.604
ns
GCLK
PLL
t
su
-0.759
-0.796
1.666
1.436
1.575
1.510
1.782
1.455
1.590
1.527
1.819
ns
t
h
1.000
0.997
-1.267
1.890
2.108
1.991
2.019
1.888
2.108
1.990
2.067
ns
1.8-V HSTL
CLASS I
GCLK
t
su
0.876
0.924
-1.118 -1.442 -1.607 -1.521 -1.544 -1.432
-1.599
-1.511
-1.589
ns
t
h
-0.759
-0.796
-1.276
1.900
2.126
2.009
2.037
1.899
2.125
2.007
2.084
ns
GCLK
PLL
t
su
1.000
0.997
-1.109 -1.452 -1.625 -1.539 -1.562 -1.443
-1.616
-1.528
-1.606
ns
t
h
0.876
0.924
1.296
-1.220 -1.326 -1.275 -1.550 -1.228
-1.332
-1.283
-1.587
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.750
-0.784
1.675
1.426
1.557
1.492
1.764
1.444
1.573
1.510
1.802
ns
t
h
1.009
1.009
-1.276
1.900
2.126
2.009
2.037
1.899
2.125
2.007
2.084
ns
GCLK
PLL
t
su
0.867
0.912
-1.109 -1.452 -1.625 -1.539 -1.562 -1.443
-1.616
-1.528
-1.606
ns
t
h
-0.750
-0.784
-1.276
1.910
2.142
2.025
2.053
1.908
2.141
2.023
2.100
ns
Table 1–102. EP3SE50 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com