Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 46 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 46 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 42Page - Altera Corporation EP3SL340 Datasheet HTML 43Page - Altera Corporation EP3SL340 Datasheet HTML 44Page - Altera Corporation EP3SL340 Datasheet HTML 45Page - Altera Corporation EP3SL340 Datasheet HTML 46Page - Altera Corporation EP3SL340 Datasheet HTML 47Page - Altera Corporation EP3SL340 Datasheet HTML 48Page - Altera Corporation EP3SL340 Datasheet HTML 49Page - Altera Corporation EP3SL340 Datasheet HTML 50Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 341 page
background image
1–36
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
I/O Default Capacitive Loading
Table 1–38 lists the default capacitive loading of various I/O standards.
MINI-LVDS_E_1R
—
100
—
120
2.325
2.325
1.02
—
0
1.1625
MINI-LVDS_E_3R
120
100
—
170
2.325
2.325
1.02
—
0
1.1625
RSDS_E_1R
—
100
—
120
2.325
2.325
1.02
—
0
1.1625
RSDS_E_3R
120
100
—
170
2.325
2.325
1.02
—
0
1.1625
Notes to Table 1–37:
(1) Hyper transport is not supported by Stratix III devices.
(2) LVPECL outputs are not supported by Stratix III devices.
(3) You can change the Quartus II timing conditions using the Advanced I/O Timing feature.
(4) V
CC is nominally 1.1 V less 50 mV (1.05 V).
(5) Terminated I/O standards require an additional 30 mV IR drop on V
CC (1.02 V).
(6) Terminated I/O standards require an additional 50 mV IR drop on V
CCIO and VCCPD.
Table 1–37. Output Timing Measurement Methodology for Output Pins (Part 3 of 3)
I/O Standard
Loading and Termination
Measurement
Point
R
S
R
D
R
T
R
P
V
CCIO
V
CCPD
V
CC
V
TT
C
L (pF)
V
MEAS (v)
Table 1–38. Default Loading of Various I/O Standards for Stratix III Devices (Part 1 of 2)
I/O Standard
Capacitive
Load
Unit
3.3-V LVTTL
0
pF
3.3-V LVCMOS
0
pF
3.0-V LVTTL
0
pF
3.0-V LVCMOS
0
pF
2.5-V LVTTL/LVCMOS
0
pF
1.8-V LVTTL/LVCMOS
0
pF
1.5-V LVTTL/LVCMOS
0
pF
3.0-V PCI
10
pF
3.0-V PCI-X
10
pF
SSTL-2 CLASS I
0
pF
SSTL-2 CLASS II
0
pF
SSTL-18 CLASS I
0
pF
SSTL-18 CLASS II
0
pF
1.5-V HSTL CLASS I
0
pF
1.5-V HSTL CLASS II
0
pF
1.8-V HSTL CLASS I
0
pF
1.8-V HSTL CLASS II
0
pF
1.2-V HSTL
0
pF
Differential SSTL-2 CLASS I
0
pF
Differential SSTL-2 CLASS II
0
pF
Differential SSTL-18 CLASS I
0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com