Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 95 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 95 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 91Page - Altera Corporation EP3SL340 Datasheet HTML 92Page - Altera Corporation EP3SL340 Datasheet HTML 93Page - Altera Corporation EP3SL340 Datasheet HTML 94Page - Altera Corporation EP3SL340 Datasheet HTML 95Page - Altera Corporation EP3SL340 Datasheet HTML 96Page - Altera Corporation EP3SL340 Datasheet HTML 97Page - Altera Corporation EP3SL340 Datasheet HTML 98Page - Altera Corporation EP3SL340 Datasheet HTML 99Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–85
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.8-V
HSTL CLASS II
GCLK
tsu
-0.757
-0.788
-1.107 -1.206 -1.320 -1.268 -1.539 -1.213
-1.324
-1.275
-1.576
ns
t
h
0.873
0.917
1.295
1.414
1.550
1.485
1.754
1.430
1.564
1.503
1.791
ns
GCLK
PLL
t
su
1.054
1.057
1.754
1.999
2.223
2.104
2.129
2.004
2.230
2.111
2.176
ns
t
h
-0.804
-0.795
-1.354 -1.550 -1.722 -1.633 -1.653 -1.545
-1.718
-1.630
-1.697
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
GCLK
t
su
-0.743
-0.776
-1.094 -1.196 -1.302 -1.250 -1.521 -1.202
-1.307
-1.258
-1.559
ns
t
h
0.859
0.905
1.283
1.404
1.532
1.467
1.736
1.419
1.547
1.486
1.774
ns
GCLK
PLL
t
su
1.068
1.069
1.767
2.009
2.241
2.122
2.147
2.015
2.247
2.128
2.193
ns
th
-0.818
-0.807
-1.366 -1.560 -1.740 -1.651 -1.671 -1.556
-1.735
-1.647
-1.714
ns
DIFFERENTIAL
1.5-V
SSTL CLASS II
GCLK
t
su
-0.743
-0.776
-1.094 -1.196 -1.302 -1.250 -1.521 -1.202
-1.307
-1.258
-1.559
ns
t
h
0.859
0.905
1.283
1.404
1.532
1.467
1.736
1.419
1.547
1.486
1.774
ns
GCLK
PLL
t
su
1.068
1.069
1.767
2.009
2.241
2.122
2.147
2.015
2.247
2.128
2.193
ns
t
h
-0.818
-0.807
-1.366 -1.560 -1.740 -1.651 -1.671 -1.556
-1.735
-1.647
-1.714
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
GCLK
tsu
-0.757
-0.788
-1.107 -1.206 -1.320 -1.268 -1.539 -1.213
-1.324
-1.275
-1.576
ns
t
h
0.873
0.917
1.295
1.414
1.550
1.485
1.754
1.430
1.564
1.503
1.791
ns
GCLK
PLL
t
su
1.054
1.057
1.754
1.999
2.223
2.104
2.129
2.004
2.230
2.111
2.176
ns
t
h
-0.804
-0.795
-1.354 -1.550 -1.722 -1.633 -1.653 -1.545
-1.718
-1.630
-1.697
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
GCLK
t
su
-0.757
-0.788
-1.107 -1.206 -1.320 -1.268 -1.539 -1.213
-1.324
-1.275
-1.576
ns
t
h
0.873
0.917
1.295
1.414
1.550
1.485
1.754
1.430
1.564
1.503
1.791
ns
GCLK
PLL
t
su
1.054
1.057
1.754
1.999
2.223
2.104
2.129
2.004
2.230
2.111
2.176
ns
th
-0.804
-0.795
-1.354 -1.550 -1.722 -1.633 -1.653 -1.545
-1.718
-1.630
-1.697
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
GCLK
t
su
-0.756
-0.787
-1.112 -1.212 -1.321 -1.270 -1.540 -1.214
-1.320
-1.273
-1.573
ns
t
h
0.872
0.916
1.300
1.422
1.554
1.489
1.759
1.434
1.563
1.502
1.792
ns
GCLK
PLL
t
su
1.045
1.048
1.739
1.983
2.212
2.092
2.118
1.993
2.224
2.103
2.169
ns
t
h
-0.795
-0.786
-1.339 -1.532 -1.708 -1.619 -1.638 -1.531
-1.709
-1.621
-1.686
ns
DIFFERENTIAL
2.5-V
SSTL CLASS II
GCLK
tsu
-0.756
-0.787
-1.112 -1.212 -1.321 -1.270 -1.540 -1.214
-1.320
-1.273
-1.573
ns
t
h
0.872
0.916
1.300
1.422
1.554
1.489
1.759
1.434
1.563
1.502
1.792
ns
GCLK
PLL
t
su
1.045
1.048
1.739
1.983
2.212
2.092
2.118
1.993
2.224
2.103
2.169
ns
t
h
-0.795
-0.786
-1.339 -1.532 -1.708 -1.619 -1.638 -1.531
-1.709
-1.621
-1.686
ns
Table 1–56. EP3SL70 Row Pins Input Timing Parameters (Part 2 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com