Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 12 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 12 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 8Page - Altera Corporation EP3SL340 Datasheet HTML 9Page - Altera Corporation EP3SL340 Datasheet HTML 10Page - Altera Corporation EP3SL340 Datasheet HTML 11Page - Altera Corporation EP3SL340 Datasheet HTML 12Page - Altera Corporation EP3SL340 Datasheet HTML 13Page - Altera Corporation EP3SL340 Datasheet HTML 14Page - Altera Corporation EP3SL340 Datasheet HTML 15Page - Altera Corporation EP3SL340 Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 341 page
background image
1–2
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Electrical Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Sinusoidal Maximum Allowed Overshoot/Undershoot Voltage
During transitions, input signals may overshoot to the voltage listed in Table 1–2 and
undershoot to –2.0 V for input currents less than 100 mA and periods shorter than
20 ns.
Table 1–2 lists the maximum allowed input overshoot voltage and the duration of the
overshoot voltage as a percentage over the lifetime of the device. The maximum
allowed overshoot duration is specified as percentage of high-time over the lifetime of
the device.
A DC signal is equivalent to 100% duty cycle. For example, a signal that overshoots to
4.2 V can only be at 4.2 V for 15.8% over the lifetime of the device; for a device lifetime
of 10 years, this is equivalent to 15.8% of ten years which is 18.96 months. Figure 1–1
shows how to determine the overshoot duration.
1 In the example shown in Figure 1–1, the overshoot voltage is shown in red and is
present at the Stratix III pin, up to 4.1 V. From Table 1–2, for an overshoot of up to 4.1
V, the percentage of high time for overshoot > 3.15 V can be as high as 46% over an
11.4-year period. The percentage of high time is calculated as (delta T/T) * 100. This
11.4-year period assumes the device is always turned on with 100% I/O toggle rate
and 50% duty cycle signal. For lower I/O toggle rates and situations where the device
is in an idle state, lifetimes are increased.
V
CC_CLKIN
Differential clock input power supply (top and bottom I/O
banks only)
-0.5
3.75
V
V
CCBAT
Battery back-up power supply for design security volatile
key register
-0.5
3.75
V
V
I
DC Input voltage
-0.5
4.0
V
T
J
Operating junction temperature
-55
125
°C
I
OUT
DC output current, per pin
-25
40
mA
T
STG
Storage temperature (No bias)
-65
150
°C
Note to Table 1–1:
(1) Supply voltage specifications apply to voltage readings taken at the device pins, not the power supply.
Table 1–1. Absolute Maximum Ratings for Stratix III Devices (Note 1) (Part 2 of 2)
Symbol
Parameter
Minimum
Maximum
Unit
Figure 1–1. Overshoot Duration
3.0 V
3.15 V
4.1 V
T
ΔT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com