Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 55 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 55 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 51Page - Altera Corporation EP3SL340 Datasheet HTML 52Page - Altera Corporation EP3SL340 Datasheet HTML 53Page - Altera Corporation EP3SL340 Datasheet HTML 54Page - Altera Corporation EP3SL340 Datasheet HTML 55Page - Altera Corporation EP3SL340 Datasheet HTML 56Page - Altera Corporation EP3SL340 Datasheet HTML 57Page - Altera Corporation EP3SL340 Datasheet HTML 58Page - Altera Corporation EP3SL340 Datasheet HTML 59Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–45
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.0-V
LVCMOS
4mA
GCLK
t
co
3.046
3.034
4.253
4.610
5.075
4.958
5.157
4.610
5.075
4.958
5.157
ns
GCLK
PLL
tco
3.402
3.402
4.776
5.172
5.685
5.543
5.808
5.172
5.685
5.543
5.808
ns
8mA
GCLK
t
co
2.967
2.955
4.130
4.481
4.940
4.823
5.022
4.481
4.940
4.823
5.022
ns
GCLK
PLL
t
co
3.323
3.323
4.652
5.043
5.550
5.408
5.673
5.043
5.550
5.408
5.673
ns
12mA
GCLK
t
co
2.962
2.950
4.122
4.474
4.931
4.813
5.015
4.474
4.931
4.813
5.015
ns
GCLK
PLL
t
co
3.318
3.318
4.645
5.036
5.541
5.398
5.665
5.036
5.541
5.398
5.665
ns
16mA
GCLK
t
co
2.953
2.941
4.108
4.459
4.916
4.798
5.000
4.459
4.916
4.798
5.000
ns
GCLK
PLL
t
co
3.309
3.309
4.631
5.021
5.526
5.383
5.650
5.021
5.526
5.383
5.650
ns
2.5 V
4mA
GCLK
t
co
3.168
3.156
4.460
4.837
5.322
5.205
5.405
4.837
5.322
5.205
5.405
ns
GCLK
PLL
t
co
3.524
3.524
4.983
5.399
5.932
5.790
6.055
5.399
5.932
5.790
6.055
ns
8mA
GCLK
tco
3.068
3.056
4.341
4.711
5.190
5.073
5.272
4.711
5.190
5.073
5.272
ns
GCLK
PLL
t
co
3.424
3.424
4.864
5.273
5.800
5.658
5.923
5.273
5.800
5.658
5.923
ns
12mA
GCLK
tco
3.024
3.012
4.254
4.620
5.094
4.976
5.178
4.620
5.094
4.976
5.178
ns
GCLK
PLL
t
co
3.380
3.380
4.777
5.182
5.704
5.561
5.828
5.182
5.704
5.561
5.828
ns
16mA
GCLK
t
co
2.986
2.974
4.215
4.578
5.051
4.933
5.135
4.578
5.051
4.933
5.135
ns
GCLK
PLL
t
co
3.342
3.342
4.738
5.140
5.661
5.518
5.785
5.140
5.661
5.518
5.785
ns
Table 1–43. EP3SL50 Column Pins output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com