Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 23 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 23 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 19Page - Altera Corporation EP3SL340 Datasheet HTML 20Page - Altera Corporation EP3SL340 Datasheet HTML 21Page - Altera Corporation EP3SL340 Datasheet HTML 22Page - Altera Corporation EP3SL340 Datasheet HTML 23Page - Altera Corporation EP3SL340 Datasheet HTML 24Page - Altera Corporation EP3SL340 Datasheet HTML 25Page - Altera Corporation EP3SL340 Datasheet HTML 26Page - Altera Corporation EP3SL340 Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–13
Switching Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Switching Characteristics
This section provides performance characteristics of Stratix III core and periphery
blocks for commercial grade devices.
These characteristics can be designated as Preliminary and Final and each
designation is defined below.
Preliminary
—Preliminary characteristics are created using simulation results, process
data, and other known parameters.
Final
—Final numbers are based on actual silicon characterization and testing. These
numbers reflect the actual performance of the device under worst-case silicon process,
voltage, and junction temperature conditions. The upper-right hand corner of a table
shows the designation as Preliminary or Final.
Core Performance Specifications
These sections describe the Clock Tree, PLL, digital signal processing (DSP),
TriMatrix, and Configuration and JTAG specifications.
Clock Tree Specifications
Table 1–19 lists the clock tree performance specifications for the logic array, DSP
blocks, and TriMatrix Memory blocks for Stratix III devices.
PLL Specifications
Table 1–20 lists the Stratix III PLL specifications when operating in both the
commercial junction temperature range (0 to 85° C) and the industrial junction
temperature range (-40 to 100° C), except for EP3SL340, EP3SE260, and EP3SL200
devices in the I4L ordering code, where the industrial junction temperature range is
from 0° C to 100° C, regardless of supply voltage. Refer to the figure in “PLL
Specifications” in “Glossary” on page 1–326 for the PLL block diagram.
Table 1–19. Clock Tree Performance for Stratix III Devices
Device
C2
C3, I3
C4, I4
C4L, I4L
Unit
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 1.1 V
V
CCL = 0.9 V
EP3SL50
730
700
450
450
375
MHz
EP3SL70
730
700
450
450
375
MHz
EP3SL110
730
700
450
450
375
MHz
EP3SL150
730
700
450
450
375
MHz
EP3SL200
730
700
450
450
375
MHz
EP3SE260
730
700
450
450
375
MHz
EP3SL340
730
700
450
450
375
MHz
EP3SE50
730
700
450
450
375
MHz
EP3SE80
730
700
450
450
375
MHz
EP3SE110
730
700
450
450
375
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com