Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 11 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 7Page - Altera Corporation EP3SL340 Datasheet HTML 8Page - Altera Corporation EP3SL340 Datasheet HTML 9Page - Altera Corporation EP3SL340 Datasheet HTML 10Page - Altera Corporation EP3SL340 Datasheet HTML 11Page - Altera Corporation EP3SL340 Datasheet HTML 12Page - Altera Corporation EP3SL340 Datasheet HTML 13Page - Altera Corporation EP3SL340 Datasheet HTML 14Page - Altera Corporation EP3SL340 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 341 page
background image
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1. Stratix III Device Datasheet: DC and
Switching Characteristics
Electrical Characteristics
This chapter describes the electrical characteristics, switching characteristics, and I/O
timing for Stratix® III devices. Electrical characteristics include operating conditions
and power consumption. Switching characteristics include core performance
specifications and periphery performance. A glossary is also included for your
reference.
Operating Conditions
When Stratix III devices are implemented in a system, they are rated according to a set
of defined parameters. To maintain the highest possible performance and reliability of
Stratix III devices, system designers must consider the operating requirements
described in this chapter.
Stratix III devices are offered in both commercial and industrial grades. Commercial
devices are offered in –2 (fastest), –3, –4, and –4L speed grades. Industrial devices are
offered only in –3, –4, and –4L speed grades.
1 In this chapter, a prefix associated with the operating temperature range is attached to
the speed grades; commercial with a “C” prefix and industrial with an “I” prefix. For
example, commercial devices are indicated as C2, C3, C4, and C4L per respective
speed grades. Industrial devices are indicated as I3, I4, and I4L.
Absolute Maximum Ratings
Absolute maximum ratings define the maximum operating conditions for Stratix III
devices. The values are based on experiments conducted with the device and
theoretical modeling of breakdown and damage mechanisms. The functional
operation of the device is not implied at these conditions. Conditions beyond those
listed in Table 1–1 may cause permanent damage to the device. Additionally, device
operation at the absolute maximum ratings for extended periods may have adverse
effects on the device.
Table 1–1. Absolute Maximum Ratings for Stratix III Devices (Note 1) (Part 1 of 2)
Symbol
Parameter
Minimum
Maximum
Unit
V
CCL
Selectable core voltage power supply
-0.5
1.65
V
V
CC
I/O registers power supply
-0.5
1.65
V
V
CCD_PLL
Phase-locked loop (PLL) digital power supply
-0.5
1.65
V
V
CCA_PLL
PLL analog power supply
-0.5
3.75
V
V
CCPT
Programmable power technology power supply
-0.5
3.75
V
V
CCPGM
Configuration pins power supply
-0.5
3.9
V
V
CCPD
I/O pre-driver power supply
-0.5
3.9
V
V
CCIO
I/O power supply
-0.5
3.9
V
SIII52001-2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com