Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 81 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 81 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 77Page - Altera Corporation EP3SL340 Datasheet HTML 78Page - Altera Corporation EP3SL340 Datasheet HTML 79Page - Altera Corporation EP3SL340 Datasheet HTML 80Page - Altera Corporation EP3SL340 Datasheet HTML 81Page - Altera Corporation EP3SL340 Datasheet HTML 82Page - Altera Corporation EP3SL340 Datasheet HTML 83Page - Altera Corporation EP3SL340 Datasheet HTML 84Page - Altera Corporation EP3SL340 Datasheet HTML 85Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–71
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–53 lists the EP3SL70 column pins output timing parameters for single-ended
I/O standards.
Table 1–53. EP3SL70 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.187
3.187
4.411
4.765
5.226
5.105
5.313
4.765
5.226
5.105
5.313
ns
GCLK
PLL
t
co
3.514
3.514
4.895
5.293
5.823
5.680
5.963
5.293
5.823
5.680
5.963
ns
8mA
GCLK
t
co
3.120
3.120
4.302
4.654
5.113
4.992
5.200
4.654
5.113
4.992
5.200
ns
GCLK
PLL
t
co
3.447
3.447
4.786
5.182
5.710
5.567
5.850
5.182
5.710
5.567
5.850
ns
12mA
GCLK
t
co
3.034
3.034
4.198
4.556
5.021
4.900
5.108
4.556
5.021
4.900
5.108
ns
GCLK
PLL
t
co
3.361
3.361
4.682
5.083
5.618
5.475
5.760
5.083
5.618
5.475
5.760
ns
16mA
GCLK
t
co
3.028
3.028
4.182
4.528
4.980
4.859
5.067
4.528
4.980
4.859
5.067
ns
GCLK
PLL
t
co
3.354
3.354
4.665
5.055
5.577
5.434
5.718
5.055
5.577
5.434
5.718
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.193
3.193
4.415
4.770
5.233
5.112
5.320
4.770
5.233
5.112
5.320
ns
GCLK
PLL
tco
3.520
3.520
4.899
5.298
5.830
5.687
5.971
5.298
5.830
5.687
5.971
ns
8mA
GCLK
t
co
3.038
3.038
4.209
4.573
5.032
4.911
5.119
4.573
5.032
4.911
5.119
ns
GCLK
PLL
t
co
3.365
3.365
4.692
5.100
5.629
5.486
5.770
5.100
5.629
5.486
5.770
ns
12mA
GCLK
t
co
3.045
3.045
4.203
4.552
5.006
4.885
5.093
4.552
5.006
4.885
5.093
ns
GCLK
PLL
t
co
3.372
3.372
4.686
5.079
5.603
5.460
5.746
5.079
5.603
5.460
5.746
ns
16mA
GCLK
t
co
3.029
3.029
4.180
4.527
4.977
4.856
5.064
4.527
4.977
4.856
5.064
ns
GCLK
PLL
t
co
3.356
3.356
4.664
5.054
5.574
5.431
5.717
5.054
5.574
5.431
5.717
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.150
3.150
4.378
4.733
5.193
5.072
5.280
4.733
5.193
5.072
5.280
ns
GCLK
PLL
t
co
3.478
3.478
4.862
5.261
5.790
5.647
5.954
5.261
5.790
5.647
5.954
ns
8mA
GCLK
t
co
3.043
3.043
4.250
4.602
5.056
4.936
5.142
4.602
5.056
4.936
5.142
ns
GCLK
PLL
t
co
3.367
3.367
4.732
5.127
5.652
5.510
5.837
5.127
5.652
5.510
5.837
ns
12mA
GCLK
tco
3.005
3.005
4.184
4.530
4.982
4.862
5.068
4.530
4.982
4.862
5.068
ns
GCLK
PLL
t
co
3.331
3.331
4.669
5.058
5.578
5.436
5.773
5.058
5.578
5.436
5.773
ns
16mA
GCLK
t
co
2.986
2.986
4.156
4.503
4.953
4.832
5.040
4.503
4.953
4.832
5.040
ns
GCLK
PLL
t
co
3.313
3.313
4.640
5.030
5.550
5.407
5.750
5.030
5.550
5.407
5.750
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com