Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 87 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 87 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 83Page - Altera Corporation EP3SL340 Datasheet HTML 84Page - Altera Corporation EP3SL340 Datasheet HTML 85Page - Altera Corporation EP3SL340 Datasheet HTML 86Page - Altera Corporation EP3SL340 Datasheet HTML 87Page - Altera Corporation EP3SL340 Datasheet HTML 88Page - Altera Corporation EP3SL340 Datasheet HTML 89Page - Altera Corporation EP3SL340 Datasheet HTML 90Page - Altera Corporation EP3SL340 Datasheet HTML 91Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–77
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.2-V
HSTL
CLASS I
4mA
GCLK
tco
3.035
3.035
4.284
4.647
5.117
4.996
5.204
4.647
5.117
4.996
5.204
ns
GCLK
PLL
t
co
3.361
3.361
4.768
5.176
5.714
5.571
5.900
5.176
5.714
5.571
5.900
ns
6mA
GCLK
tco
3.026
3.026
4.275
4.638
5.108
4.987
5.195
4.638
5.108
4.987
5.195
ns
GCLK
PLL
t
co
3.353
3.353
4.759
5.167
5.705
5.562
5.888
5.167
5.705
5.562
5.888
ns
8mA
GCLK
t
co
3.026
3.026
4.282
4.646
5.117
4.996
5.204
4.646
5.117
4.996
5.204
ns
GCLK
PLL
t
co
3.354
3.354
4.767
5.175
5.714
5.571
5.891
5.175
5.714
5.571
5.891
ns
10mA
GCLK
t
co
3.016
3.016
4.269
4.632
5.103
4.982
5.190
4.632
5.103
4.982
5.190
ns
GCLK
PLL
t
co
3.343
3.343
4.754
5.162
5.700
5.557
5.885
5.162
5.700
5.557
5.885
ns
12mA
GCLK
t
co
3.016
3.016
4.270
4.633
5.104
4.983
5.191
4.633
5.104
4.983
5.191
ns
GCLK
PLL
t
co
3.343
3.343
4.754
5.162
5.701
5.558
5.877
5.162
5.701
5.558
5.877
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
t
co
3.037
3.037
4.286
4.648
5.117
4.996
5.204
4.648
5.117
4.996
5.204
ns
GCLK
PLL
tco
3.364
3.364
4.770
5.177
5.714
5.571
5.914
5.177
5.714
5.571
5.914
ns
3.0-V PCI
—
GCLK
t
co
3.140
3.140
4.331
4.684
5.142
5.021
5.229
4.684
5.142
5.021
5.229
ns
GCLK
PLL
tco
3.467
3.467
4.815
5.211
5.739
5.596
5.945
5.211
5.739
5.596
5.945
ns
3.0-V
PCI-X
—
GCLK
t
co
3.140
3.140
4.331
4.684
5.142
5.021
5.229
4.684
5.142
5.021
5.229
ns
GCLK
PLL
t
co
3.467
3.467
4.815
5.211
5.739
5.596
5.945
5.211
5.739
5.596
5.945
ns
Table 1–53. EP3SL70 Column Pins Output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com