Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 18 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 14Page - Altera Corporation EP3SL340 Datasheet HTML 15Page - Altera Corporation EP3SL340 Datasheet HTML 16Page - Altera Corporation EP3SL340 Datasheet HTML 17Page - Altera Corporation EP3SL340 Datasheet HTML 18Page - Altera Corporation EP3SL340 Datasheet HTML 19Page - Altera Corporation EP3SL340 Datasheet HTML 20Page - Altera Corporation EP3SL340 Datasheet HTML 21Page - Altera Corporation EP3SL340 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 341 page
background image
1–8
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
Electrical Characteristics
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Pin Capacitance
Table 1–10 lists the Stratix III device family pin capacitance.
s
Hot-Socketing
Table 1–11 lists the hot-socketing specifications for Stratix III devices.
Table 1–9. On-Chip Termination Variation after Power-up Calibration
(Note 1)
Symbol
Description
V
CCIO (V)
Commercial
Typical
Unit
dR/dV
OCT variation with voltage without re-calibration
3
0.029
%/mV
2.5
0.036
%/mV
1.8
0.065
%/mV
1.5
0.104
%/mV
1.2
0.177
%/mV
dR/dT
OCT variation with temperature without re-calibration
3
0.294
%/°C
2.5
0.301
%/°C
1.8
0.355
%/°C
1.5
0.344
%/°C
1.2
0.348
%/°C
Note to Table 1–9:
(1) Valid for V
CCIO range of ± 5% and temperature range of 0° to 85° C.
Table 1–10. Pin Capacitance for Stratix III Device Family
Symbol
Parameter
Typical
Unit
C
IOTB
Input capacitance on top and bottom I/O pins
4
pF
C
IOLR
Input capacitance on left and right I/O pins
4
pF
C
CLKTB
Input capacitance on top and bottom
non-dedicated clock input pins
4pF
C
CLKLR
Input capacitance on left and right
non-dedicated clock input pins
4pF
C
OUTFB
Input capacitance on dual-purpose clock
output and feedback pins
5pF
C
CLK1, CCLK3, CCLK8, and
C
CLK10
Input capacitance for dedicated clock input
pins
2pF
Table 1–11. Hot-Socketing Specifications for Stratix III Devices
Symbol
Parameter
Maximum
|I
IOPIN|(DC)
DC current per I/O pin
300
A
|I
IOPIN|(AC)
AC current per I/O pin
8 mA (1)
Note to Table 1–11:
(1) The I/O ramp rate is 10 ns or more. For ramp rates faster than 10 ns, |IIOPIN| = C dv/dt, in which C is I/O pin
capacitance and dv/dt is the slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com