Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 141 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 141 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 137Page - Altera Corporation EP3SL340 Datasheet HTML 138Page - Altera Corporation EP3SL340 Datasheet HTML 139Page - Altera Corporation EP3SL340 Datasheet HTML 140Page - Altera Corporation EP3SL340 Datasheet HTML 141Page - Altera Corporation EP3SL340 Datasheet HTML 142Page - Altera Corporation EP3SL340 Datasheet HTML 143Page - Altera Corporation EP3SL340 Datasheet HTML 144Page - Altera Corporation EP3SL340 Datasheet HTML 145Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–131
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–74 lists the EP3SL150 row pins output timing parameters for single-ended
I/O standards.
Table 1–74. EP3SL150 Row Pins Output Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.214
3.466
4.819 5.204 5.693 5.566 5.831 5.325
5.817
5.689 5.913
ns
GCLK
PLL
t
co
1.420
1.606
1.985 2.065 2.256 2.277 2.285 2.167
2.360
2.380 2.277
ns
8mA
GCLK
t
co
3.121
3.361
4.689 5.066 5.548 5.421 5.686 5.184
5.668
5.540 5.764
ns
GCLK
PLL
t
co
1.354
1.535
1.875 1.954 2.142 2.163 2.171 2.054
2.245
2.265 2.162
ns
12mA
GCLK
t
co
3.042
3.271
4.570 4.943 5.420 5.293 5.558 5.057
5.536
5.408 5.632
ns
GCLK
PLL
tco
1.275
1.446
1.769 1.854 2.046 2.067 2.075 1.955
2.145
2.165 2.062
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.224
3.470
4.827 5.209 5.697 5.570 5.835 5.331
5.821
5.693 5.917
ns
GCLK
PLL
t
co
1.422
1.613
1.989 2.071 2.265 2.286 2.294 2.175
2.372
2.392 2.289
ns
8mA
GCLK
t
co
3.046
3.275
4.576 4.949 5.427 5.301 5.564 5.063
5.543
5.417 5.639
ns
GCLK
PLL
t
co
1.279
1.450
1.780 1.869 2.056 2.077 2.085 1.967
2.154
2.174 2.071
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.168
3.412
4.771 5.157 5.649 5.522 5.787 5.282
5.775
5.647 5.871
ns
GCLK
PLL
t
co
1.381
1.567
1.952 2.034 2.222 2.243 2.251 2.135
2.326
2.346 2.243
ns
8mA
GCLK
t
co
3.047
3.285
4.618 4.998 5.485 5.358 5.623 5.120
5.611
5.482 5.706
ns
GCLK
PLL
tco
1.280
1.455
1.815 1.892 2.077 2.098 2.106 1.993
2.181
2.200 2.097
ns
12mA
GCLK
t
co
3.010
3.242
4.536 4.915 5.397 5.270 5.535 5.034
5.518
5.389 5.613
ns
GCLK
PLL
t
co
1.243
1.417
1.755 1.827 2.007 2.028 2.036 1.925
2.107
2.127 2.024
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.082
3.331
4.665 5.050 5.539 5.412 5.677 5.174
5.664
5.535 5.759
ns
GCLK
PLL
t
co
1.302
1.479
1.850 1.927 2.113 2.134 2.142 2.026
2.217
2.236 2.133
ns
8mA
GCLK
t
co
2.997
3.226
4.502 4.876 5.358 5.231 5.496 4.994
5.478
5.349 5.573
ns
GCLK
PLL
t
co
1.230
1.401
1.727 1.798 1.979 2.000 2.008 1.895
2.079
2.098 1.995
ns
2.5 V
4mA
GCLK
t
co
3.194
3.448
4.903 5.311 5.821 5.694 5.959 5.442
5.954
5.825 6.049
ns
GCLK
PLL
tco
1.407
1.604
2.060 2.160 2.367 2.388 2.396 2.267
2.478
2.498 2.395
ns
8mA
GCLK
t
co
3.089
3.350
4.748 5.148 5.651 5.524 5.789 5.275
5.780
5.651 5.875
ns
GCLK
PLL
t
co
1.322
1.501
1.936 2.025 2.225 2.246 2.254 2.130
2.334
2.353 2.250
ns
12mA
GCLK
t
co
3.038
3.282
4.637 5.029 5.525 5.398 5.663 5.152
5.650
5.521 5.745
ns
GCLK
PLL
t
co
1.265
1.457
1.852 1.939 2.134 2.155 2.163 2.041
2.239
2.259 2.156
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com