Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 234 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 234 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 230Page - Altera Corporation EP3SL340 Datasheet HTML 231Page - Altera Corporation EP3SL340 Datasheet HTML 232Page - Altera Corporation EP3SL340 Datasheet HTML 233Page - Altera Corporation EP3SL340 Datasheet HTML 234Page - Altera Corporation EP3SL340 Datasheet HTML 235Page - Altera Corporation EP3SL340 Datasheet HTML 236Page - Altera Corporation EP3SL340 Datasheet HTML 237Page - Altera Corporation EP3SL340 Datasheet HTML 238Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 341 page
background image
1–224
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.8-V SSTL
CLASS I
4mA
GCLK
tco
3.062
3.286
4.650 5.059 5.576 5.434 5.663 5.187 5.705 5.565 5.731
ns
GCLK
PLL
t
co
3.060
3.284
4.648 5.056 5.574 5.432 5.661 5.185 5.703 5.563 5.729
ns
6mA
GCLK
t
co
3.060
3.285
4.651 5.061 5.579 5.437 5.666 5.189 5.709 5.569 5.735
ns
GCLK
PLL
tco
3.064
3.288
4.648 5.056 5.573 5.431 5.660 5.184 5.702 5.562 5.728
ns
8mA
GCLK
t
co
3.090
3.317
4.693 5.104 5.623 5.481 5.710 5.232 5.752 5.612 5.778
ns
GCLK
PLL
t
co
3.076
3.303
4.681 5.093 5.613 5.471 5.700 5.222 5.743 5.603 5.769
ns
10mA
GCLK
t
co
3.064
3.290
4.664 5.075 5.595 5.453 5.682 5.204 5.725 5.585 5.751
ns
GCLK
PLL
t
co
3.064
3.290
4.667 5.079 5.599 5.457 5.686 5.208 5.730 5.590 5.756
ns
12mA
GCLK
tco
3.060
3.286
4.660 5.071 5.592 5.450 5.679 5.201 5.722 5.582 5.748
ns
GCLK
PLL
t
co
3.064
3.288
4.653 5.062 5.580 5.438 5.667 5.190 5.709 5.569 5.735
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
8mA
GCLK
t
co
3.065
3.290
4.661 5.072 5.591 5.449 5.678 5.200 5.721 5.581 5.747
ns
GCLK
PLL
t
co
3.093
3.320
4.692 5.102 5.621 5.479 5.708 5.231 5.750 5.610 5.776
ns
16mA
GCLK
t
co
3.082
3.308
4.680 5.090 5.609 5.467 5.696 5.219 5.738 5.598 5.764
ns
GCLK
PLL
t
co
3.077
3.304
4.680 5.091 5.610 5.468 5.697 5.220 5.740 5.600 5.766
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
8mA
GCLK
t
co
3.063
3.289
4.662 5.072 5.591 5.449 5.678 5.201 5.722 5.582 5.748
ns
GCLK
PLL
t
co
3.061
3.287
4.660 5.070 5.589 5.447 5.676 5.199 5.719 5.579 5.745
ns
10mA
GCLK
tco
3.065
3.289
4.652 5.060 5.577 5.435 5.664 5.188 5.706 5.566 5.732
ns
GCLK
PLL
t
co
3.065
3.290
4.660 5.070 5.589 5.447 5.676 5.199 5.719 5.579 5.745
ns
12mA
GCLK
t
co
3.081
3.307
4.676 5.085 5.603 5.461 5.690 5.214 5.732 5.592 5.758
ns
GCLK
PLL
t
co
3.081
3.307
4.676 5.085 5.603 5.461 5.690 5.214 5.732 5.592 5.758
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
16mA
GCLK
t
co
3.071
3.297
4.666 5.075 5.593 5.451 5.680 5.204 5.723 5.583 5.749
ns
GCLK
PLL
t
co
3.064
3.289
4.652 5.060 5.577 5.435 5.664 5.188 5.706 5.566 5.732
ns
Table 1–107. EP3SE50 Column Pins Output Timing Parameters (Part 4 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com