Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 249 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 249 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 245Page - Altera Corporation EP3SL340 Datasheet HTML 246Page - Altera Corporation EP3SL340 Datasheet HTML 247Page - Altera Corporation EP3SL340 Datasheet HTML 248Page - Altera Corporation EP3SL340 Datasheet HTML 249Page - Altera Corporation EP3SL340 Datasheet HTML 250Page - Altera Corporation EP3SL340 Datasheet HTML 251Page - Altera Corporation EP3SL340 Datasheet HTML 252Page - Altera Corporation EP3SL340 Datasheet HTML 253Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–239
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.308
3.308
4.665 5.052 5.497 5.464 5.724 5.052 5.497 5.464 5.724
ns
GCLK
PLL
t
co
3.698
3.704
5.245 5.682 6.255 6.069 6.490 5.682 6.255 6.069 6.490
ns
6mA
GCLK
t
co
3.294
3.294
4.652 5.040 5.496 5.461 5.723 5.040 5.496 5.461 5.723
ns
GCLK
PLL
t
co
3.691
3.697
5.243 5.680 6.254 6.068 6.489 5.680 6.254 6.068 6.489
ns
8mA
GCLK
t
co
3.278
3.278
4.642 5.029 5.489 5.434 5.716 5.029 5.489 5.434 5.716
ns
GCLK
PLL
t
co
3.683
3.689
5.235 5.673 6.247 6.061 6.482 5.673 6.247 6.061 6.482
ns
10mA
GCLK
t
co
3.279
3.279
4.644 5.032 5.493 5.436 5.720 5.032 5.493 5.436 5.720
ns
GCLK
PLL
t
co
3.686
3.692
5.238 5.676 6.251 6.065 6.486 5.676 6.251 6.065 6.486
ns
12mA
GCLK
t
co
3.271
3.271
4.640 5.028 5.497 5.436 5.724 5.028 5.497 5.436 5.724
ns
GCLK
PLL
t
co
3.683
3.689
5.241 5.680 6.255 6.069 6.490 5.680 6.255 6.069 6.490
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.274
3.274
4.631 5.018 5.493 5.432 5.720 5.018 5.493 5.432 5.720
ns
GCLK
PLL
t
co
3.691
3.697
5.240 5.677 6.251 6.065 6.486 5.677 6.251 6.065 6.486
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.314
3.314
4.676 5.065 5.508 5.480 5.735 5.065 5.508 5.480 5.735
ns
GCLK
PLL
t
co
3.703
3.709
5.253 5.692 6.266 6.080 6.501 5.692 6.266 6.080 6.501
ns
6mA
GCLK
t
co
3.302
3.302
4.670 5.060 5.511 5.469 5.738 5.060 5.511 5.469 5.738
ns
GCLK
PLL
t
co
3.699
3.705
5.254 5.693 6.269 6.083 6.504 5.693 6.269 6.083 6.504
ns
8mA
GCLK
t
co
3.296
3.296
4.664 5.053 5.506 5.463 5.733 5.053 5.506 5.463 5.733
ns
GCLK
PLL
t
co
3.695
3.701
5.250 5.689 6.264 6.078 6.499 5.689 6.264 6.078 6.499
ns
10mA
GCLK
t
co
3.284
3.284
4.652 5.042 5.499 5.450 5.726 5.042 5.499 5.450 5.726
ns
GCLK
PLL
t
co
3.688
3.694
5.243 5.682 6.257 6.071 6.492 5.682 6.257 6.071 6.492
ns
12mA
GCLK
t
co
3.279
3.279
4.653 5.043 5.509 5.446 5.736 5.043 5.509 5.446 5.736
ns
GCLK
PLL
t
co
3.689
3.695
5.250 5.690 6.267 6.081 6.502 5.690 6.267 6.081 6.502
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
3.275
3.275
4.629 5.015 5.483 5.425 5.710 5.015 5.483 5.425 5.710
ns
GCLK
PLL
t
co
3.687
3.693
5.231 5.668 6.241 6.055 6.476 5.668 6.241 6.055 6.476
ns
Table 1–113. EP3SE80 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com