Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 277 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 277 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 273Page - Altera Corporation EP3SL340 Datasheet HTML 274Page - Altera Corporation EP3SL340 Datasheet HTML 275Page - Altera Corporation EP3SL340 Datasheet HTML 276Page - Altera Corporation EP3SL340 Datasheet HTML 277Page - Altera Corporation EP3SL340 Datasheet HTML 278Page - Altera Corporation EP3SL340 Datasheet HTML 279Page - Altera Corporation EP3SL340 Datasheet HTML 280Page - Altera Corporation EP3SL340 Datasheet HTML 281Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–267
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–124 lists the EP3SE110 row pins output timing parameters for single-ended
I/O standards.
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.336
3.336
4.703
5.096
5.577
5.442
5.754
5.096
5.577
5.442
5.754
ns
GCLK
PLL
t
co
3.716
3.728
5.289
5.719
6.333
6.169
6.571
5.719
6.333
6.169
6.571
ns
6mA
GCLK
t
co
3.328
3.328
4.694
5.087
5.568
5.433
5.745
5.087
5.568
5.433
5.745
ns
GCLK
PLL
t
co
3.707
3.720
5.280
5.710
6.324
6.160
6.562
5.710
6.324
6.160
6.562
ns
8mA
GCLK
t
co
3.329
3.329
4.702
5.095
5.577
5.442
5.754
5.095
5.577
5.442
5.754
ns
GCLK
PLL
t
co
3.707
3.721
5.287
5.718
6.333
6.169
6.571
5.718
6.333
6.169
6.571
ns
10mA
GCLK
t
co
3.318
3.318
4.689
5.082
5.563
5.428
5.740
5.082
5.563
5.428
5.740
ns
GCLK
PLL
t
co
3.697
3.710
5.274
5.704
6.319
6.155
6.557
5.704
6.319
6.155
6.557
ns
12mA
GCLK
t
co
3.318
3.318
4.689
5.082
5.564
5.429
5.741
5.082
5.564
5.429
5.741
ns
GCLK
PLL
t
co
3.697
3.710
5.274
5.705
6.320
6.156
6.558
5.705
6.320
6.156
6.558
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
t
co
3.339
3.339
4.705
5.097
5.577
5.442
5.754
5.097
5.577
5.442
5.754
ns
GCLK
PLL
t
co
3.718
3.731
5.290
5.720
6.333
6.169
6.571
5.720
6.333
6.169
6.571
ns
3.0-V PCI
—
GCLK
t
co
3.442
3.442
4.750
5.131
5.602
5.467
5.779
5.131
5.602
5.467
5.779
ns
GCLK
PLL
t
co
3.821
3.834
5.335
5.756
6.358
6.194
6.596
5.756
6.358
6.194
6.596
ns
3.0-V
PCI-X
—
GCLK
t
co
3.442
3.442
4.750
5.131
5.602
5.467
5.779
5.131
5.602
5.467
5.779
ns
GCLK
PLL
t
co
3.821
3.834
5.335
5.756
6.358
6.194
6.596
5.756
6.358
6.194
6.596
ns
Table 1–123. EP3SE110 Column Pins Output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
UnitS
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–124. EP3SE110 Row Pins Output Timing Parameters (Part 1 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.208
3.456
4.797 5.180 5.703 5.543 5.850 5.304 5.827 5.696 5.930
ns
GCLK
PLL
t
co
1.452
1.625
2.008 2.086 2.326 2.346 2.347 2.239 2.435 2.455 2.342
ns
8mA
GCLK
t
co
3.142
3.385
4.687 5.069 5.589 5.429 5.736 5.191 5.712 5.581 5.815
ns
GCLK
PLL
t
co
1.359
1.554
1.898 1.975 2.181 2.201 2.202 2.098 2.286 2.306 2.193
ns
12mA
GCLK
t
co
3.063
3.296
4.581 4.969 5.493 5.333 5.640 5.092 5.612 5.481 5.715
ns
GCLK
PLL
t
co
1.260
1.465
1.792 1.875 2.053 2.073 2.074 1.971 2.154 2.174 2.061
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com