Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 301 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 301 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 297Page - Altera Corporation EP3SL340 Datasheet HTML 298Page - Altera Corporation EP3SL340 Datasheet HTML 299Page - Altera Corporation EP3SL340 Datasheet HTML 300Page - Altera Corporation EP3SL340 Datasheet HTML 301Page - Altera Corporation EP3SL340 Datasheet HTML 302Page - Altera Corporation EP3SL340 Datasheet HTML 303Page - Altera Corporation EP3SL340 Datasheet HTML 304Page - Altera Corporation EP3SL340 Datasheet HTML 305Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–291
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.2 V
2mA
GCLK
tco
3.697
3.730
5.556
5.783
6.652
6.235
6.657
5.783
6.652
6.235
6.657
ns
GCLK
PLL
t
co
4.140
4.129
6.191
6.467
7.099
6.927
7.701
6.467
7.099
6.927
7.701
ns
4mA
GCLK
tco
3.574
3.607
5.330
5.521
6.223
5.949
6.371
5.521
6.223
5.949
6.371
ns
GCLK
PLL
t
co
4.017
4.006
5.965
6.205
6.813
6.641
7.272
6.205
6.813
6.641
7.272
ns
6mA
GCLK
t
co
3.536
3.569
5.238
5.432
6.068
5.836
6.258
5.432
6.068
5.836
6.258
ns
GCLK
PLL
t
co
3.979
3.968
5.873
6.116
6.700
6.528
7.117
6.116
6.700
6.528
7.117
ns
8mA
GCLK
t
co
3.489
3.522
5.210
5.383
5.977
5.780
6.202
5.383
5.977
5.780
6.202
ns
GCLK
PLL
t
co
3.932
3.921
5.845
6.067
6.644
6.472
7.026
6.067
6.644
6.472
7.026
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.489
3.522
5.167
5.330
5.925
5.711
6.133
5.330
5.925
5.711
6.133
ns
GCLK
PLL
t
co
3.932
3.921
5.802
6.014
6.575
6.403
6.974
6.014
6.575
6.403
6.974
ns
10mA
GCLK
t
co
3.486
3.519
5.164
5.327
5.930
5.707
6.129
5.327
5.930
5.707
6.129
ns
GCLK
PLL
tco
3.929
3.918
5.799
6.011
6.571
6.399
6.978
6.011
6.571
6.399
6.978
ns
12mA
GCLK
t
co
3.484
3.517
5.164
5.328
5.911
5.708
6.130
5.328
5.911
5.708
6.130
ns
GCLK
PLL
tco
3.927
3.916
5.799
6.012
6.572
6.400
6.960
6.012
6.572
6.400
6.960
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
3.475
3.508
5.149
5.312
5.877
5.693
6.115
5.312
5.877
5.693
6.115
ns
GCLK
PLL
t
co
3.918
3.907
5.784
5.996
6.557
6.385
6.926
5.996
6.557
6.385
6.926
ns
SSTL-18
CLASS I
4mA
GCLK
t
co
3.496
3.529
5.179
5.344
5.952
5.727
6.149
5.344
5.952
5.727
6.149
ns
GCLK
PLL
t
co
3.939
3.928
5.814
6.028
6.591
6.419
7.000
6.028
6.591
6.419
7.000
ns
6mA
GCLK
t
co
3.492
3.525
5.177
5.342
5.942
5.725
6.147
5.342
5.942
5.725
6.147
ns
GCLK
PLL
t
co
3.935
3.924
5.812
6.026
6.589
6.417
6.991
6.026
6.589
6.417
6.991
ns
8mA
GCLK
t
co
3.481
3.514
5.167
5.333
5.934
5.716
6.138
5.333
5.934
5.716
6.138
ns
GCLK
PLL
t
co
3.924
3.913
5.802
6.017
6.580
6.408
6.982
6.017
6.580
6.408
6.982
ns
10mA
GCLK
t
co
3.470
3.503
5.154
5.320
5.896
5.703
6.125
5.320
5.896
5.703
6.125
ns
GCLK
PLL
t
co
3.913
3.902
5.789
6.004
6.567
6.395
6.945
6.004
6.567
6.395
6.945
ns
12mA
GCLK
tco
3.470
3.503
5.154
5.320
5.896
5.703
6.125
5.320
5.896
5.703
6.125
ns
GCLK
PLL
t
co
3.913
3.902
5.789
6.004
6.567
6.395
6.945
6.004
6.567
6.395
6.945
ns
Table 1–133. EP3SE260 Column Pins Output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com