Electronic Components Datasheet Search
  English  ▼

X  

EP3SL340 Datasheet(PDF) 317 Page - Altera Corporation

Part # EP3SL340
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL340 Datasheet(HTML) 317 Page - Altera Corporation

Back Button EP3SL340 Datasheet HTML 313Page - Altera Corporation EP3SL340 Datasheet HTML 314Page - Altera Corporation EP3SL340 Datasheet HTML 315Page - Altera Corporation EP3SL340 Datasheet HTML 316Page - Altera Corporation EP3SL340 Datasheet HTML 317Page - Altera Corporation EP3SL340 Datasheet HTML 318Page - Altera Corporation EP3SL340 Datasheet HTML 319Page - Altera Corporation EP3SL340 Datasheet HTML 320Page - Altera Corporation EP3SL340 Datasheet HTML 321Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–307
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.5-V
HSTL CLASS I
4mA
GCLK
tco
3.581
3.866
5.700
5.916
6.490
6.323 6.702 6.068 6.644 6.323 6.702
ns
GCLK
PLL
t
co
3.566
3.851
5.686
5.901
6.475
6.308 6.687 6.053 6.629 6.308 6.687
ns
6mA
GCLK
tco
3.555
3.840
5.681
5.898
6.472
6.305 6.684 6.050 6.627 6.305 6.684
ns
GCLK
PLL
t
co
3.535
3.820
5.658
5.874
6.449
6.282 6.661 6.027 6.603 6.282 6.661
ns
8mA
GCLK
t
co
3.532
3.816
5.654
5.871
6.445
6.278 6.657 6.023 6.600 6.278 6.657
ns
GCLK
PLL
t
co
3.537
3.820
5.645
5.859
6.431
6.264 6.643 6.010 6.584 6.264 6.643
ns
DIFFERENTIAL
1.8-V
HSTL CLASS I
4mA
GCLK
t
co
3.530
3.813
5.644
5.860
6.434
6.267 6.646 6.013 6.589 6.267 6.646
ns
GCLK
PLL
t
co
3.568
3.852
5.682
5.897
6.470
6.303 6.682 6.049 6.624 6.303 6.682
ns
6mA
GCLK
t
co
3.550
3.835
5.667
5.882
6.455
6.288 6.667 6.034 6.609 6.288 6.667
ns
GCLK
PLL
t
co
3.536
3.819
5.644
5.858
6.430
6.263 6.642 6.010 6.584 6.263 6.642
ns
8mA
GCLK
t
co
3.152
3.376
4.936
5.115
5.637
5.478 5.865 5.239 5.762 5.478 5.865
ns
GCLK
PLL
tco
3.536
3.812
5.604
5.814
6.381
6.214 6.593 5.962 6.531 6.214 6.593
ns
10mA
GCLK
t
co
3.518
3.802
5.642
5.860
6.435
6.268 6.647 6.013 6.592 6.268 6.647
ns
GCLK
PLL
tco
3.152
3.376
4.936
5.115
5.637
5.478 5.865 5.239 5.762 5.478 5.865
ns
12mA
GCLK
t
co
3.536
3.812
5.604
5.814
6.381
6.214 6.593 5.962 6.531 6.214 6.593
ns
GCLK
PLL
t
co
3.518
3.802
5.642
5.860
6.435
6.268 6.647 6.013 6.592 6.268 6.647
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
16mA
GCLK
t
co
3.152
3.376
4.936
5.115
5.637
5.478 5.865 5.239 5.762 5.478 5.865
ns
GCLK
PLL
t
co
3.536
3.812
5.604
5.814
6.381
6.214 6.593 5.962 6.531 6.214 6.593
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
4mA
GCLK
t
co
3.518
3.802
5.642
5.860
6.435
6.268 6.647 6.013 6.592 6.268 6.647
ns
GCLK
PLL
t
co
3.562
3.845
5.678
5.894
6.468
6.301 6.680 6.046 6.621 6.301 6.680
ns
6mA
GCLK
t
co
3.548
3.831
5.665
5.881
6.455
6.288 6.667 6.032 6.608 6.288 6.667
ns
GCLK
PLL
t
co
3.544
3.827
5.663
5.881
6.456
6.289 6.668 6.032 6.610 6.289 6.668
ns
8mA
GCLK
t
co
3.560
3.842
5.664
5.878
6.450
6.283 6.662 6.029 6.603 6.283 6.662
ns
GCLK
PLL
t
co
3.549
3.832
5.660
5.874
6.447
6.280 6.659 6.026 6.600 6.280 6.659
ns
Table 1–138. EP3SE260 Row Pins Output Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com